Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFS52N15D Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # IRFS52N15D
Description  N-Channel MOSFET Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

IRFS52N15D Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  IRFS52N15D Datasheet HTML 1Page - Inchange Semiconductor Company Limited IRFS52N15D Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
1
isc N-Channel MOSFET Transistor IRFS52N15D, IIRFS52N15D
·
FEATURES
·
Static drain-source on-resistance:
RDS(on)≤32mΩ
·
Enhancement mode:
·
100% avalanche tested
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
·
DESCRITION
·
High frequency DC-DC converters
·
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VDSS
Drain-Source Voltage
150
V
VGS
Gate-Source Voltage
±
30
V
ID
Drain Current-Continuous
51
A
IDM
Drain Current-Single Pulsed
240
A
PD
Total Dissipation @TC=25℃
230
W
Tj
Max. Operating Junction Temperature
175
℃
Tstg
Storage Temperature
-55~175
℃
·
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth(j-c)
Channel-to-case thermal resistance
0.47
℃
/W
Rth(j-a)
Channel-to-ambient thermal resistance
40
℃
/W


Similar Part No. - IRFS52N15D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFS52N15D IRF-IRFS52N15D Datasheet
134Kb / 11P
Power MOSFET(Vdss=150V, Rds(on)max=0.032ohm, Id=50A)
IRFS52N15DPBF IRF-IRFS52N15DPBF Datasheet
345Kb / 12P
HEXFET Power MOSFET
IRFS52N15DPBF IRF-IRFS52N15DPBF Datasheet
330Kb / 11P
High frequency DC-DC converters
IRFS52N15DPBF IRF-IRFS52N15DPBF_15 Datasheet
330Kb / 11P
High frequency DC-DC converters
IRFS52N15DTRLP IRF-IRFS52N15DTRLP Datasheet
345Kb / 12P
HEXFET Power MOSFET
More results

Similar Description - IRFS52N15D

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IPD025N06N ISC-IPD025N06N Datasheet
335Kb / 2P
N-Channel MOSFET Transistor
IPD040N03L ISC-IPD040N03L Datasheet
334Kb / 2P
N-Channel MOSFET Transistor
IPD50R399CP ISC-IPD50R399CP Datasheet
335Kb / 2P
N-Channel MOSFET Transistor
IPD50R800CE ISC-IPD50R800CE Datasheet
335Kb / 2P
N-Channel MOSFET Transistor
IPD088N06N3 ISC-IPD088N06N3 Datasheet
336Kb / 2P
N-Channel MOSFET Transistor
IPD090N03L ISC-IPD090N03L Datasheet
335Kb / 2P
N-Channel MOSFET Transistor
IPP039N04L ISC-IPP039N04L Datasheet
339Kb / 2P
N-Channel MOSFET Transistor
IPP070N08N3 ISC-IPP070N08N3 Datasheet
339Kb / 2P
N-Channel MOSFET Transistor
IRF3256 ISC-IRF3256 Datasheet
339Kb / 2P
N-Channel MOSFET Transistor
IRL1404 ISC-IRL1404 Datasheet
339Kb / 2P
N-Channel MOSFET Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com