Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE3C0144 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE3C0144
Description  N Male to N Male Right Angle Cable Using LMR-SW396 Coax
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C0144 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3C0144 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C0144 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C0144 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
1
N Male to N Male Right Angle Cable Using LMR-SW396 Coax
Configuration
Connector 1
N Male
Connector 1 Specification
IEC60169-16
Connector 2
N Male Right Angle
Connector 2 Specification
IEC60169-16
Cable Type
LMR-SW396
Impedance, Ohms
50
Mechanical Specifications
Cable Assembly
Cable Type
LMR-SW396
Temperature
Temperature Operating Range, deg C
-40 to +85
Temperature Storage Range, deg C
-40 to +85
Diameter, in [mm]
0.81 [20.57]
.
Weight, lbs [g]
0.634 [287.58]
Cable Color
Black
One Time Minimum Bend Radius, in [mm]
2 [50.8]
Repeated Minimum Bend Radius, in [mm]
0 [0]
Cable
No of Shields
1
Dielectric Type
PE (F)
Jacket Material
PE
Jacket Diameter, in [mm]
0.45 [11.43]
Connector 1
Type
N Male
Configuration
Straight
Inner Conductor Material and Plating
Spring Copper, Silver
Inner Conductor Plating Specification
50µ in. minimum
Coupling Nut Material and Plating
Brass, Tri-Metal
Coupling Nut Plating Specification
80µ in. minimum
Hex Size, in.
13/16
Torque, in-lbs [Nm]
44 [4.97]
Body Material and Plating
Brass, Tri-Metal
Body Plating Specification
80µ in. minimum
Dielectric Type
Teflon
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Male to N Male Right Angle Cable Using LMR-SW396 Coax PE3C0144
PE3C0144 REV
PE3C0144
N Male to N Male Right Angle Cable Using LMR-SW396 Coax


Similar Part No. - PE3C0144

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C0144-12 PASTERNACK-PE3C0144-12 Datasheet
334Kb / 3P
N Male to N Male Right Angle Cable 12 InchLength Using LMR-SW396 Coax
PE3C0144-24 PASTERNACK-PE3C0144-24 Datasheet
335Kb / 3P
N Male to N Male Right Angle Cable 24 Inch Length Using LMR-SW396 Coax
PE3C0144-36 PASTERNACK-PE3C0144-36 Datasheet
335Kb / 3P
N Male to N Male Right Angle Cable 36 Inch Length Using LMR-SW396 Coax
PE3C0144-48 PASTERNACK-PE3C0144-48 Datasheet
335Kb / 3P
N Male to N Male Right Angle Cable 48 Inch Length Using LMR-SW396 Coax
PE3C0144-60 PASTERNACK-PE3C0144-60 Datasheet
335Kb / 3P
N Male to N Male Right Angle Cable 60 Inch Length Using LMR-SW396 Coax
More results

Similar Description - PE3C0144

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C0139 PASTERNACK-PE3C0139 Datasheet
333Kb / 3P
N Male to N Male Cable Using LMR-SW396 Coax
PE3C0140 PASTERNACK-PE3C0140 Datasheet
336Kb / 3P
N Male Right Angle to N Male Right Angle Cable Using LMR-SW396 Coax
PE3C0140-12 PASTERNACK-PE3C0140-12 Datasheet
335Kb / 3P
N Male Right Angle to N Male Right Angle Cable 12 Inch Length Using LMR-SW396 Coax
PE3C0140-24 PASTERNACK-PE3C0140-24 Datasheet
336Kb / 3P
N Male Right Angle to N Male Right Angle Cable 24 Inch Length Using LMR-SW396 Coax
PE3C0140-36 PASTERNACK-PE3C0140-36 Datasheet
336Kb / 3P
N Male Right Angle to N Male Right Angle Cable 36 Inch Length Using LMR-SW396 Coax
PE3C0144-12 PASTERNACK-PE3C0144-12 Datasheet
334Kb / 3P
N Male to N Male Right Angle Cable 12 InchLength Using LMR-SW396 Coax
PE3C0144-24 PASTERNACK-PE3C0144-24 Datasheet
335Kb / 3P
N Male to N Male Right Angle Cable 24 Inch Length Using LMR-SW396 Coax
PE3C0144-36 PASTERNACK-PE3C0144-36 Datasheet
335Kb / 3P
N Male to N Male Right Angle Cable 36 Inch Length Using LMR-SW396 Coax
PE3C0144-48 PASTERNACK-PE3C0144-48 Datasheet
335Kb / 3P
N Male to N Male Right Angle Cable 48 Inch Length Using LMR-SW396 Coax
PE3C0144-60 PASTERNACK-PE3C0144-60 Datasheet
335Kb / 3P
N Male to N Male Right Angle Cable 60 Inch Length Using LMR-SW396 Coax
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com