Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5520 Datasheet(PDF) 13 Page - Analog Devices

Part # AD5520
Description  Per Pin Parametric Measurement Unit/Source Measure Unit
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5520 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD5520 Datasheet HTML 9Page - Analog Devices AD5520 Datasheet HTML 10Page - Analog Devices AD5520 Datasheet HTML 11Page - Analog Devices AD5520 Datasheet HTML 12Page - Analog Devices AD5520 Datasheet HTML 13Page - Analog Devices AD5520 Datasheet HTML 14Page - Analog Devices AD5520 Datasheet HTML 15Page - Analog Devices AD5520 Datasheet HTML 16Page - Analog Devices AD5520 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
AD5520
Rev. B | Page 12 of 24
FREQUENCY (Hz)
20
10
0
–50
–40
–20
–60
–30
–10
100k
1M
10M
VDD = +15V
VSS = –15V
TA = 25°C
Figure 17. Voltage Sense Amplifier AC PSRR
FREQUENCY (Hz)
700
100
300
200
400
500
600
0
10
100
10k
1k
100k
ISENSE
VSENSE
FOH
GUARD
Figure 18. Noise Spectral Density
TIME (ms)
16
0
6
8
4
2
10
12
14
–2
05
35
25
30
10
15
20
45
40
VCC
VDUT
Figure 19. Power Up
TIME (s)
9
0
3
4
2
1
5
6
7
8
–1
0
0.006
0.004
0.005
0.001
0.002
0.003
0.008
0.007
COMPIN2 = 100pF
COMPIN1 = 1000pF
COMPIN2 = 3000pF
Figure 20. Settling Time, Mode 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com