Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7701 Datasheet(PDF) 16 Page - Analog Devices

Part # AD7701
Description  LC2MOS 16-Bit A/D Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7701 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7701 Datasheet HTML 12Page - Analog Devices AD7701 Datasheet HTML 13Page - Analog Devices AD7701 Datasheet HTML 14Page - Analog Devices AD7701 Datasheet HTML 15Page - Analog Devices AD7701 Datasheet HTML 16Page - Analog Devices AD7701 Datasheet HTML 17Page - Analog Devices AD7701 Datasheet HTML 18Page - Analog Devices AD7701 Datasheet HTML 19Page - Analog Devices AD7701 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
REV. E
AD7701
–15–
Synchronous External Clock Mode (SEC)
The SEC mode (MODE pin grounded) is designed for direct
interface to the synchronous serial ports of industry-standard
microprocessors such as the COPS series, 68HC11, and 68HC05.
The SEC mode also allows customized interfaces, using I/O
port pins, to microprocessors that do not have a direct fit with
the AD7701’s other modes.
As shown in Figure 20, a falling edge on
CS enables the serial
data output with the MSB initially valid. Subsequent data bits
change on the falling edge of an externally supplied SCLK.
After the LSB has been transmitted,
DRDY goes high and
SDATA goes three-state. If
CS is low and the AD7701 is still
transmitting data when a new data-word becomes available, the
old data-word continues to be transmitted and the new data is lost.
If
CS is taken high at any time during data transmission, SDATA
and SCLK will go three-state immediately. If
CS returns low,
the AD7701 will continue transmission with the same data bit.
If transmission has not been initiated and completed by the time
the next data-word becomes available, and if
CS is high, DRDY
will return high for four clock cycles, then fall as the new word
is loaded into the output register.
CLKIN (I)
DRDY (O)
SDATA (O)
DB15 (MSB)
DB14
DB2
DB1
DB0 (LSB)
HI-Z
HI-Z
SCLK (O)
HI-Z
HI-Z
CS (I)
72 CLKIN
CYCLES
Figure 19. SSC Mode Showing Data Timing Relative to SCLK
SCLK (I)
SDATA (O)
DB15
(MSB)
DB14
DB13
DB1
DB0
(LSB)
HI-Z
HI-Z
DRDY (O)
CS (I)
Figure 20. Timing Diagram for the SEC Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com