Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-AD5520EB Datasheet(PDF) 21 Page - Analog Devices

Part # EVAL-AD5520EB
Description  Per Pin Parametric Measurement Unit/Source Measure Unit
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD5520EB Datasheet(HTML) 21 Page - Analog Devices

Back Button EVAL-AD5520EB Datasheet HTML 17Page - Analog Devices EVAL-AD5520EB Datasheet HTML 18Page - Analog Devices EVAL-AD5520EB Datasheet HTML 19Page - Analog Devices EVAL-AD5520EB Datasheet HTML 20Page - Analog Devices EVAL-AD5520EB Datasheet HTML 21Page - Analog Devices EVAL-AD5520EB Datasheet HTML 22Page - Analog Devices EVAL-AD5520EB Datasheet HTML 23Page - Analog Devices EVAL-AD5520EB Datasheet HTML 24Page - Analog Devices EVAL-AD5520EB Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
AD5520
Rev. B | Page 20 of 24
TYPICAL CONNECTION CIRCUIT FOR THE AD5520
Figure 26 shows the AD5520 as connected in a typical applica-
tion. The external components required are three compensation
capacitors and six sense resistors, depending on the number of
ranges required. If high current ranges >6 mA are required, an
external amplifier must be used with relays (or some form of
high current switch) to switch in the different current ranges to
the DUT. Other components are also required to make the
PMU function.
The PMU requires a number of discrete voltage levels: five DAC
levels for each PMU used in the system, two levels each for the
comparator and clamps, and one voltage level for the AD5520
force input voltage. To use the information measured at the
DUT, an ADC such as the AD7665 (a 16-bit ADC), must be
connected to the MEASOUT pin to convert the measured
current or voltage to digital for analysis.
MEASI4H
FIN
BW SELECT
FOH1
FOH2
FOH3
FOH0
AVEE AVCC
MEASI3H
CLH
CLL
REFGND
MEASIOUT
MEASOUT
MEASVOUT
CPH
CPOH
CPOL
CPL
MEASI5H
MEASIL
GUARDIN
GUARD
MEASVH
MEASVL
AGND
QM5
QM4
CLAMP
DETECT
ISENSE
INST AMP
VSENSE
INST AMP
LOGICS
CPCK
AD5520
COMPARATOR
125k
Ω
12.5k
Ω
1.25k
Ω
125
Ω
12.5
Ω
3.126
Ω
AD815
RELAY
<±11.5V
DUT
<±100mV
±11V
≥
MEASI2H
MEASI1H
MEASI0H
+15V –15V
100pF
1000pF
3000pF
FOH
FORCE
AMPLIFIER
G = 16
G = 1
G = 1
Figure 26. Typical Configuration of the AD5520 as Used in an ATE Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com