Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7874 Datasheet(PDF) 13 Page - Analog Devices

Part # AD7874
Description  4-Channel, 12-Bit Simultaneous Sampling Data Acquisition System
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7874 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7874 Datasheet HTML 9Page - Analog Devices AD7874 Datasheet HTML 10Page - Analog Devices AD7874 Datasheet HTML 11Page - Analog Devices AD7874 Datasheet HTML 12Page - Analog Devices AD7874 Datasheet HTML 13Page - Analog Devices AD7874 Datasheet HTML 14Page - Analog Devices AD7874 Datasheet HTML 15Page - Analog Devices AD7874 Datasheet HTML 16Page - Analog Devices AD7874 Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
AD7874
REV. C
–12–
APPLICATIONS
Vector Motor Control
The current drawn by a motor can be split into two compo-
nents: one produces torque and the other produces magnetic
flux. For optimal performance of the motor, these two compo-
nents should be controlled independently. In conventional
methods of controlling a three-phase motor, the current (or
voltage) supplied to the motor and the frequency of the drive are
the basic control variables. However, both the torque and flux
are functions of current (or voltage) and frequency. This cou-
pling effect can reduce the performance of the motor because,
for example, if the torque is increased by increasing the fre-
quency, the flux tends to decrease.
Vector control of an ac motor involves controlling phase in addi-
tion to drive and current frequency. Controlling the phase of the
motor requires feedback information on the position of the rotor
relative to the rotating magnetic field in the motor. Using this
information, a vector controller mathematically transforms the
three phase drive currents into separate torque and flux compo-
nents. The AD7874, with its four-channel simultaneous sam-
pling capability, is ideally suited for use in vector motor control
applications.
A block diagram of a vector motor control application using the
AD7874 is shown in Figure 17. The position of the field is de-
rived by determining the current in each phase of the motor.
Only two phase currents need to be measured because the third
can be calculated if two phases are known. Channel 1 and
Channel 2 of the AD7874 are used to digitize this information.
Simultaneous sampling is critical to maintain the relative phase
information between the two channels. A current sensing isola-
tion amplifier, transformer or Hall effect sensor is used between
the motor and the AD7874. Rotor information is obtained by
measuring the voltage from two of the inputs to the motor.
Channel 3 and Channel 4 of the AD7874 are used to obtain this
information. Once again the relative phase of the two channels
is important. A DSP microprocessor is used to perform the
mathematical transformations and control loop calculations on
the information fed back by the AD7874.
VOLTAGE
ATTENUATORS
DAC
DAC
DAC
TORQUE
SETPOINT
IN1
V
VIN4
V
IN3
V
IN2
*ADDITIONAL PINS OMITTED FOR CLARITY
TORQUE & FLUX
CONTROL LOOP
CALCULATIONS &
TWO TO THREE
PHASE
INFORMATION
TRANSFORMATION
TO TORQUE &
FLUX CURRENT
COMPONENTS
FLUX
SETPOINT
DRIVE
CIRCUITRY
ISOLATION
AMPLIFIERS
AD7874*
DSP
MICROPROCESSOR
I
C
I
B
I
A
V
B
V
A
3
PHASE
MOTOR
Figure 17. Vector Motor Control Using the AD7874



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com