Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADATE209BBCZ Datasheet(PDF) 11 Page - Analog Devices

Part # EVAL-ADATE209BBCZ
Description  4.0 Gbps Dual Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADATE209BBCZ Datasheet(HTML) 11 Page - Analog Devices

Back Button EVAL-ADATE209BBCZ Datasheet HTML 7Page - Analog Devices EVAL-ADATE209BBCZ Datasheet HTML 8Page - Analog Devices EVAL-ADATE209BBCZ Datasheet HTML 9Page - Analog Devices EVAL-ADATE209BBCZ Datasheet HTML 10Page - Analog Devices EVAL-ADATE209BBCZ Datasheet HTML 11Page - Analog Devices EVAL-ADATE209BBCZ Datasheet HTML 12Page - Analog Devices EVAL-ADATE209BBCZ Datasheet HTML 13Page - Analog Devices EVAL-ADATE209BBCZ Datasheet HTML 14Page - Analog Devices EVAL-ADATE209BBCZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
ADATE209
Rev. A | Page 10 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
–0.05
0
0.05
0.10
0.15
0.20
0.25
0.30
TIME (ns)
0.5V
0.2V
Figure 3. Small Signal Response, VHx = 500 mV, 200 mV, VLx = 0.0 V
–0.2
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
TIME (ns)
Figure 4. Large Signal Response, VHx = 3.0 V, 2.0 V, 1.0 V, VLx = 0.0 V
–0.5
0
0.5
1.0
1.5
2.0
TIME (ns)
CLC ENABLED
CLC DISABLED
Figure 5. Large Signal Response, VHx = 3.0 V, 2.0 V, 1.0 V, VLx = 0.0 V,
CLC Disabled and Enabled
0
0.2
0.4
0.6
0.8
1.0
–0.2
1.2
TIME (ns)
CLC ENABLED
CLC DISABLED
Figure 6. VHx = 2.0 V, VLx = 0.0 V, 1.5 GHz Waveform,
CLC Disabled and Enabled
0
0.2
0.4
0.6
0.8
1.0
1.2
–0.2
TIME (ns)
CLC ENABLED
CLC DISABLED
Figure 7. VHx = 2.0 V, VLx = 0.0 V, 2.0 GHz Waveform,
CLC Disabled and Enabled
0
0.2
0.4
0.6
0.8
1.0
1.2
–0.2
1.4
TIME (ns)
CLC ENABLED
CLC DISABLED
Figure 8. VHx = 2.0 V, VLx = 0.0 V, 1.0 GHz Waveform,
CLC Disabled and Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com