Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADATE320 Datasheet(PDF) 52 Page - Analog Devices

Part # ADATE320
Description  1.25 GHz Dual Integrated DCL
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE320 Datasheet(HTML) 52 Page - Analog Devices

Back Button ADATE320 Datasheet HTML 48Page - Analog Devices ADATE320 Datasheet HTML 49Page - Analog Devices ADATE320 Datasheet HTML 50Page - Analog Devices ADATE320 Datasheet HTML 51Page - Analog Devices ADATE320 Datasheet HTML 52Page - Analog Devices ADATE320 Datasheet HTML 53Page - Analog Devices ADATE320 Datasheet HTML 54Page - Analog Devices ADATE320 Datasheet HTML 55Page - Analog Devices ADATE320 Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 83 page
background image
Data Sheet
ADATE320
Rev. B | Page 51 of 82
SPI Clock Cycles and the BUSY Pin
The ADATE320 offers a digital BUSY output pin to indicate that
the SPI controller requires more SCLK cycles to be input on the
SCLK pin. The device may be operated without this pin, but care
must be exercised to ensure that the required number of SCLK
cycles are provided in each case to complete each SPI instruction.
After any valid SPI instruction is written to the ADATE320, the
BUSY pin is asserted to indicate a busy status of the DAC update
and calibration routines. The BUSY pin is an open-drain output
capable of sinking a minimum of 2 mA from the VDD supply. It
is recommended to tie the BUSY pin to VDD with an external 1 kΩ
pull-up resistor.
It is not a requirement to wait for release of BUSY prior to a
subsequent assertion of the CS pin. As long as the minimum
number of SCLK cycles following the previous release of CS is
met according to the tCSAM parameter, the CS pin can again be
asserted for another SPI operation. With the one exception of
recovery from a reset request (either by hardware assertion of
RST pin or software setting of the internal SPI_RESET control bit),
there is no scenario in normal operation of the ADATE320 in
which the user must wait for release of BUSY before asserting
the CS pin for a subsequent SPI operation. The only requirement
on the assertion of CS is that the tCSAM parameter has been met
as defined in Figure 2 and Table 14.
It is very important, however, that the SCLK pin continue to
operate for as long as the BUSY pin state remains active. This
period of time is defined by the parameter tBUSW and is defined in
Figure 2, Table 14, and Table 23. If the SCLK pin does not remain
active for at least the number of cycles specified, operations
pending to the internal processor may not fully complete. In
such a case, a temporary malfunction of the ADATE320 may
occur, or unexpected results may be obtained. After the device
releases the BUSY pin (or the required minimum number of clock
cycles is satisfied), SCLK may again be stopped to prevent any
unwanted digital noise from coupling into the analog functions.
In every case (with no exception for reset recovery), it is the
purpose of the BUSY pin to notify the supervisory ASIC or FGPA
that it is again safe to stop the SCLK signal. Running SCLK for
extra periods when BUSY is not active is never a problem except
for the possibility of adding unwanted digital switching noise
into analog functions.
The required length of the BUSY period (tBUSW) is variable
depending on the particular preceding SPI instruction, but it is
always deterministic. It depends only on factors such as whether
the previous instruction involved a write to one or more DAC
addresses, and, if so, how many channels were involved and
whether calibration was enabled. Table 23 details the length of
the tBUSW requirement in units of rising edge SCLK cycles for
each possible SPI instruction scenario, including recovery from
a hardware RST reset.
Because tBUSW is deterministic, it is therefore possible to predict
in advance the minimum number of rising edge SCLK cycles
that are required to complete any given SPI instruction, which
makes it possible to operate the device without a need to monitor
the BUSY pin. For applications in which it is neither possible
nor desirable to monitor the pin, it is acceptable to use the
deterministic information provided in Table 23 to guarantee the
minimum number of cycles is provided. Either way, it is necessary
to honor the minimum number of required rising edge SCLK
cycles, as defined by tBUSW, following the release of CS for each
of the SPI instruction scenarios listed.
Table 23. BUSY Minimum SCLK Cycle Requirements
SPI Instruction Type (Single- or Dual-Channel Operation)
Minimum tBUSW (SCLK Cycles)
Following Release of Asynchronous RST Reset Pin (Hardware Reset)
744
Following Assertion of the SPI_RESET Control Bit (Software Reset)
744
Write to No Operation (NOP) (Address 0x00, Address 0x20, Address 0x50, Address 0x60)
3
Write to a Valid Address That Is Not a DAC (Address > 0x10)
3
Write to Any DAC Except VILx or VIHx (Address 0x01 to Address 0x0F, Except Address 0x01 and
Address 0x03)
18
Write to VILx or VIHx DAC (Address 0x01 or Address 0x03)
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com