Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISP1181B Datasheet(PDF) 21 Page - NXP Semiconductors

Part # ISP1181B
Description  Full-speed Universal Serial Bus peripheral controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1181B Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button ISP1181B Datasheet HTML 17Page - NXP Semiconductors ISP1181B Datasheet HTML 18Page - NXP Semiconductors ISP1181B Datasheet HTML 19Page - NXP Semiconductors ISP1181B Datasheet HTML 20Page - NXP Semiconductors ISP1181B Datasheet HTML 21Page - NXP Semiconductors ISP1181B Datasheet HTML 22Page - NXP Semiconductors ISP1181B Datasheet HTML 23Page - NXP Semiconductors ISP1181B Datasheet HTML 24Page - NXP Semiconductors ISP1181B Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 70 page
background image
Philips Semiconductors
ISP1181B
Full-speed USB peripheral controller
Product data
Rev. 02 — 07 December 2004
21 of 70
9397 750 13958
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
In Figure 6:
• A: indicates the point at which the USB bus enters the idle state.
• B: indicates resume condition, which can be a 20 ms K-state on the USB bus, a
HIGH level on pin WAKEUP, or a LOW level on pin CS.
• C: indicates remote wake-up. The ISP1181B will drive a K-state on the USB bus
for 10 ms after pin WAKEUP goes HIGH or pin CS goes LOW.
• D: after detecting the suspend interrupt, set and clear bit GOSUSP in the Mode
register.
11.1.1
Powered-off application
Figure 7 shows a typical bus-powered modem application using the ISP1181B. The
SUSPEND output switches off power to the microcontroller and other external circuits
during the suspend state. The ISP1181B is woken up through the USB bus (global
resume) or by the ring detection circuit on the telephone line.
Fig 6.
Suspend and resume timing.
004aaa359
INT_N
> 5 ms
suspend
interrupt
USB BUS
GOSUSP
WAKEUP
SUSPEND
idle state
10 ms
K-state
> 3 ms
1.8 ms to 2.2 ms
0.5 ms to 3.5 ms
resume
interrupt
A
C
D
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com