Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM240011 Datasheet(PDF) 2 Page - Microchip Technology

Part # DM240011
Description  Capacitive mTouch??Sensing Solutions
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM240011 Datasheet(HTML) 2 Page - Microchip Technology

  DM240011 Datasheet HTML 1Page - Microchip Technology DM240011 Datasheet HTML 2Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
The Microchip name and logo, the Microchip logo, dsPIC, MPLAB and PIC are registered trademarks of Microchip Technology Incorporated in the U.S.A. and other countries. mTouch, PICDEM and PICkit
are trademarks of Microchip Technology Incorporated in the U.S.A. and other countries. All other trademarks mentioned herein are property of their respective companies.
© 2008 Microchip Technology Inc. All Rights Reserved. 10/08
DS41359A
*DS41359A*
Visit our web site for additional product information and to locate your local sales office.
www.microchip.com/mtouch
Microchip Technology Inc. • 2355 W. Chandler Blvd. • Chandler, AZ 85224-6199
Additional Resources
Microchip offers a number of hardware solutions to suit
the demands of any application from the most basic single
button design using the incredibly small and cost effective
PIC10F to the peripheral rich Mid-Range and PIC24FJ MCU
Families. Solutions are available for up to 64 keys using 8- or
16-bit microcontrollers.
For more information on Microchip Capacitive Touch
solutions, please consult our design center at
www.microchip.com/mtouch
Development Tools from Microchip
Part Number
Development Tool
Description
DM164125
PICDEM™ Touch Sense 1 Development Kit
Introduces users to Microchip’s 8-bit capacitive mTouch™ sensing
solutions. This kit includes keys and slides, the 8-bit PIC16F
microcontroller with S/R latch module and the PICkit™ Serial Analyzer.
DM164128
PICDEM™ Touch Sense 2 Development Kit
Introduces users to Microchip’s Charge Time Measurement Unit (CTMU)
Capacitive mTouch™ Sensing Solutions. Demonstrates touch sensing
technology using the 16-bit PIC24F family with CTMU.
DM240011
PIC24F Starter Kit
Includes everything needed to start designing a touch sensing
application. This kit features a number of demos including capacitive
touch sensing with CTMU and includes an integrated in-circuit debugger
and programmer, USB device and host connectors, tri-color LED,
capacitive touch pad and an OLED display.
Additional Information
AN1101: Introduction to Capacitive Sensing:
AN1102: Layout and Physical Design Guidelines for
Capacitive Sensing
AN1103: Software Handling for Capacitive Sensing
AN1104: Capacitive Multi-Button Configurations
AN1202: Capacitive Sensing with PIC10F
AN1171: Using the Capacitive Sensing Module on the
PIC16F72X
DS41328: mTouch™ Users Guide
DS39724: Charge Time Measurement Unit (CTMU)
Reference Manual
Web Seminars
Introduction to mTouch™ Capacitive Touch Sensing
Capacitive mTouch™ Sensing Solutions: Design Guidelines



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com