Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRU1206-33CD Datasheet(PDF) 7 Page - International Rectifier

Part # IRU1206-33CD
Description  1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRU1206-33CD Datasheet(HTML) 7 Page - International Rectifier

Back Button IRU1206-33CD Datasheet HTML 3Page - International Rectifier IRU1206-33CD Datasheet HTML 4Page - International Rectifier IRU1206-33CD Datasheet HTML 5Page - International Rectifier IRU1206-33CD Datasheet HTML 6Page - International Rectifier IRU1206-33CD Datasheet HTML 7Page - International Rectifier IRU1206-33CD Datasheet HTML 8Page - International Rectifier IRU1206-33CD Datasheet HTML 9Page - International Rectifier IRU1206-33CD Datasheet HTML 10Page - International Rectifier IRU1206-33CD Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
IRU1206 / IRU1207 / IRU1208 / IRU1209
7
Rev. 2.3
08/02/02
www.irf.com
IRU1209 Line Regulation @ 5mA to 100mA
1.2
1.205
1.21
1.215
1.22
1.225
1.23
1.235
1.24
1.245
1.25
Input Voltage
Vout
0.00%
0.50%
1.00%
1.50%
2.00%
2.50%
3.00%
3.50%
4.00%
4.50%
5.00%
% Error
Vout
Percent Error
CHARACTERISTICS
5 Sep 2001
15:15:05
IRU1209 Maximum Output Current ~ 1.25A
while in the current limit mode.
IRU1209 Output Voltage in Yellow. A DC offset equal
to the output voltage is applied to improve resolution.
The output is regulating current in this mode.
Figure 6
Figure 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com