Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K4M28163LF-R75 Datasheet(PDF) 8 Page - Samsung semiconductor

Part # K4M28163LF-R75
Description  2M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4M28163LF-R75 Datasheet(HTML) 8 Page - Samsung semiconductor

Back Button K4M28163LF-R75 Datasheet HTML 4Page - Samsung semiconductor K4M28163LF-R75 Datasheet HTML 5Page - Samsung semiconductor K4M28163LF-R75 Datasheet HTML 6Page - Samsung semiconductor K4M28163LF-R75 Datasheet HTML 7Page - Samsung semiconductor K4M28163LF-R75 Datasheet HTML 8Page - Samsung semiconductor K4M28163LF-R75 Datasheet HTML 9Page - Samsung semiconductor K4M28163LF-R75 Datasheet HTML 10Page - Samsung semiconductor K4M28163LF-R75 Datasheet HTML 11Page - Samsung semiconductor K4M28163LF-R75 Datasheet HTML 12Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
K4M28163LF - R(B)E/N/S/C/L/R
February 2004
8
Mobile-SDRAM
AC CHARACTERISTICS(AC operating conditions unless otherwise noted)
NOTES :
1. Parameters depend on programmed CAS latency.
2. If clock rising time is longer than 1ns, (tr/2-0.5)ns should be added to the parameter.
3. Assumed input rise and fall time (tr & tf) = 1ns.
If tr & tf is longer than 1ns, transient time compensation should be considered,
i.e., [(tr + tf)/2-1]ns should be added to the parameter.
Parameter
Symbol
-75
-1H
-1L
Unit
Note
Min
Max
Min
Max
Min
Max
CLK cycle time
CAS latency=3
tCC
7.5
1000
9.5
1000
9.5
1000
ns
1
CLK cycle time
CAS latency=2
tCC
9.5
9.5
12
CLK cycle time
CAS latency=1
tCC
-
-
25
CLK to valid output delay
CAS latency=3
tSAC
5.4
7
7
ns
1,2
CLK to valid output delay
CAS latency=2
tSAC
7
7
8
CLK to valid output delay
CAS latency=1
tSAC
-
-
20
Output data hold time
CAS latency=3
tOH
2.5
2.5
2.5
ns
2
Output data hold time
CAS latency=2
tOH
2.5
2.5
2.5
Output data hold time
CAS latency=1
tOH
-
-
2.5
CLK high pulse width
tCH
2.5
3.0
3.0
ns
3
CLK low pulse width
tCL
2.5
3.0
3.0
ns
3
Input setup time
tSS
2.0
2.5
2.5
ns
3
Input hold time
tSH
1.0
1.5
1.5
ns
3
CLK to output in Low-Z
tSLZ
1
1
1
ns
2
CLK to output in Hi-Z
CAS latency=3
tSHZ
5.4
7
7
ns
CAS latency=2
7
7
8
CAS latency=1
-
-
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com