Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF3425 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # REF3425
Description  Low-Drift, Low-Power, Small-Footprint Series Voltage Reference
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF3425 Datasheet(HTML) 5 Page - Texas Instruments

  REF3425 Datasheet HTML 1Page - Texas Instruments REF3425 Datasheet HTML 2Page - Texas Instruments REF3425 Datasheet HTML 3Page - Texas Instruments REF3425 Datasheet HTML 4Page - Texas Instruments REF3425 Datasheet HTML 5Page - Texas Instruments REF3425 Datasheet HTML 6Page - Texas Instruments REF3425 Datasheet HTML 7Page - Texas Instruments REF3425 Datasheet HTML 8Page - Texas Instruments REF3425 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
5
REF3425, REF3430, REF3433
www.ti.com
SBAS804A – SEPTEMBER 2017 – REVISED DECEMBER 2017
Product Folder Links: REF3425 REF3430 REF3433
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Temperature drift is specified according to the box method. See Feature Description for more details.
(2)
The ppm/V and ppm/mA in line and load regulation can be also expressed as µV/V and µV/mA.
(3)
The dropout voltage in line regulation test condition is 50 mV.
(4)
The dropout voltage in test condition is 500 mV.
(5)
The peak-to-peak noise measurement procedure is explained in more detail in Noise Performance.
(6)
Long-term stability measurement procedure is explained in more in detail in Long-Term Stability.
(7)
The thermal hysteresis measurement procedure is explained in more detail in Thermal Hysteresis.
7.5 Electrical Characteristics
At TA = 25°C unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ACCURACY AND DRIFT
Output voltage
accuracy
–40°C
≤ TA ≤ 125°C
–0.0
5%
0.05%
Output voltage
temperature
coefficient(1)
2.5
6
ppm/°C
LINE AND LOAD REGULATION
ΔV(OΔVIN)
Line regulation(2)
VIN = 2.55 V to 12 V , TA = 25°C
2
ppm/V
VIN = VREF + VDO
(3) to 12 V, −40°C ≤ T
A ≤ 125°C
15
ΔV(OΔIL)
Load regulation(2)
IL = 0 mA to 10 mA, VIN = 3
V, TA = 25°C
Sourcing
20
ppm/mA
IL = 0 mA to 10 mA, VIN = 3
V,
−40°C ≤ TA ≤ 125°C
Sourcing
30
IL = 0 mA to –10 mA, VIN =
VREF+ VDO
(4), T
A = 25°C
Sinking
REF3425
40
REF3430
43
REF3433
48
IL = 0 mA to –10 mA, VIN =
VREF+ VDO
(4), −40°C ≤ T
A
≤ 125°C
Sinking
REF3425
70
REF3430
75
REF3433
84
ISC
Short-circuit
current (Output
shorted to
ground)
VREF = 0, TA = 25°C
18
22
mA
NOISE
en p-p
Output voltage
noise(5)
ƒ = 0.1 Hz to 10 Hz
5
μV p-p/V
ƒ = 10 Hz to 10 kHz
24
μV rms
en
Output voltage
noise density
ƒ = 1 kHz
0.25
ppm/
√Hz
HYSTERESIS AND LONG TERM STABILITY
Long-term
stability(6)
1000 hours
30
ppm
Output voltage
hysteresis(7)
TA = 25°C to −40°C to 125°C to 25°C, Cycle 1
30
ppm
TA = 25°C to −40°C to 125°C to 25°C, Cycle 2
10
TURNON
tON
Turnon time
0.1% of output voltage settling, CL = 10 µF, REF34xx
2.5
ms
CAPACITIVE LOAD
CL
Stable output
capacitor value
−40°C ≤ TA ≤ 125°C
0.1
10
µF
OUTPUT VOLTAGE
VREF
Output voltage
REF3425
2.5
V
REF3430
3
V
REF3433
3.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com