Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HWI322522-R10KF Datasheet(PDF) 2 Page - Superworld Electronics

Part # HWI322522-R10KF
Description  Wire Wound Inductor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

HWI322522-R10KF Datasheet(HTML) 2 Page - Superworld Electronics

  HWI322522-R10KF Datasheet HTML 1Page - Superworld Electronics HWI322522-R10KF Datasheet HTML 2Page - Superworld Electronics HWI322522-R10KF Datasheet HTML 3Page - Superworld Electronics HWI322522-R10KF Datasheet HTML 4Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Wire Wound Inductor – HWI322522 Series
NOTE: Specifications subject to change without notice. Please check our website for latest information.
Proprietary and Confidential
Document of Superworld
02/10/2017
P2
5. General Specification:
a) Operating Temp. : -40°C ~ +125°C
b) Storage Temp. : -40°C ~ +125°C
c) Storage Condition (component in its packaging)
i) Temperature: 0°C ~ +40°C
ii) Humidity: Below 70%
a) Rated Current will cause the inductance drop within 10%
6. Electrical Characteristics
Part No
Inductance
(uH)
Tolerance
Q Min.
Test Frequency
(MHz)
SRF
(MHz) Min.
DCR (Ω)
Max.
IDC
(mA) Max.
HWI322522-R10 F
0.10
M
5
25.2
500
0.20
750
HWI322522-R15 F
0.15
M
5
25.2
400
0.25
750
HWI322522-R22 F
0.22
M
5
25.2
250
0.30
750
HWI322522-R47 F
0.47
M
5
25.2
150
0.30
750
HWI322522-1R0 F
1.00
M
10
7.96
100
0.30
750
HWI322522-1R5 F
1.50
M
10
7.96
80
0.30
700
HWI322522-2R2 F
2.20
M
10
7.96
68
0.33
600
HWI322522-3R3 F
3.30
K,M
10
7.96
54
0.35
500
HWI322522-4R7 F
4.70
K,M
10
7.96
46
0.45
430
HWI322522-6R8 F
6.80
K,M
10
7.96
38
0.50
360
HWI322522-100 F
10.0
K
15
2.52
30
0.80
300
HWI322522-150 F
15.0
K
15
2.52
26
1.60
250
HWI322522-220 F
22.0
K
15
2.52
20
2.20
210
HWI322522-330 F
33.0
K
15
2.52
17
2.80
170
HWI322522-390 F
39.0
K
15
2.52
14
4.80
120
HWI322522-470 F
47.0
K
15
2.52
14
4.00
150
HWI322522-560 F
56.0
K
15
2.52
13
5.50
120
HWI322522-680 F
68.0
K
15
2.52
12
6.50
120
HWI322522-820 F
82.0
K
15
2.52
10
7.50
110
HWI322522-101 F
100
K
15
0.796
10
8.50
100
Tolerance: K = ± 10% ; M = ± 20%



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com