Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD1085CDT18 Datasheet(PDF) 3 Page - STMicroelectronics

Part # LD1085CDT18
Description  3A LOW DROP POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD1085CDT18 Datasheet(HTML) 3 Page - STMicroelectronics

  LD1085CDT18 Datasheet HTML 1Page - STMicroelectronics LD1085CDT18 Datasheet HTML 2Page - STMicroelectronics LD1085CDT18 Datasheet HTML 3Page - STMicroelectronics LD1085CDT18 Datasheet HTML 4Page - STMicroelectronics LD1085CDT18 Datasheet HTML 5Page - STMicroelectronics LD1085CDT18 Datasheet HTML 6Page - STMicroelectronics LD1085CDT18 Datasheet HTML 7Page - STMicroelectronics LD1085CDT18 Datasheet HTML 8Page - STMicroelectronics LD1085CDT18 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
LD1085C SERIES
3/15
CONNECTION DIAGRAM (top view)
ORDERING CODES
(*) Available in Tape & Reel with the suffix "R" for fixed version and "-R" for adjustable version.
DPAK
DPAK (*)
OUTPUT VOLTAGE
LD1085CDT15
1.5 V
LD1085CDT18
1.8 V
LD1085CDT25
2.5 V
LD1085CDT28
2.85 V
LD1085CDT33
3.3 V
LD1085CDT36
3.6 V
LD1085CDT50
5.0 V
LD1085CDT80
8.0 V
LD1085CDT90
9.0 V
LD1085CDT120
12.0 V
LD1085CDT
ADJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com