Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD1085CDT28 Datasheet(PDF) 1 Page - STMicroelectronics

Part # LD1085CDT28
Description  3A LOW DROP POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD1085CDT28 Datasheet(HTML) 1 Page - STMicroelectronics

  LD1085CDT28 Datasheet HTML 1Page - STMicroelectronics LD1085CDT28 Datasheet HTML 2Page - STMicroelectronics LD1085CDT28 Datasheet HTML 3Page - STMicroelectronics LD1085CDT28 Datasheet HTML 4Page - STMicroelectronics LD1085CDT28 Datasheet HTML 5Page - STMicroelectronics LD1085CDT28 Datasheet HTML 6Page - STMicroelectronics LD1085CDT28 Datasheet HTML 7Page - STMicroelectronics LD1085CDT28 Datasheet HTML 8Page - STMicroelectronics LD1085CDT28 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1/15
July 2002
s
TYPICAL DROPOUT 1.3V (AT 3A)
s
THREE TERMINAL ADJUSTABLE OR FIXED
OUTPUT VOLTAGE 1.5V, 1.8V, 2.5V, 2.85V,
3.3V, 3.6V, 5V, 8V, 9V, 12V.
s
GUARANTEED OUTPUT CURRENT UP TO
3A
s
OUPUT TOLERANCE
±2% AT 25°C AND
±3% IN FULL TEMPERATURE RANGE
s
INTERNAL POWER AND THERMAL LIMIT
s
WIDE OPERATING TEMPERATURE RANGE
-40°C TO 125°C
s
PACKAGE AVAILABLE : DPAK
s
PINOUT COMPATIBILITY WITH STANDARD
ADJUSTABLE VREG
DESCRIPTION
The LD1085 is a LOW DROP Voltage Regulator
able to provide up to 3A of Output Current.
Dropout is guaranteed at a maximum of 1.5V at
the maximum output current, decreasing at lower
loads. The LD1085 is pin to pin compatible with
the older 3-terminal adjustable regulators, but has
better performances in term of drop and output
tolerance .
A 2.85V output version is suitable for SCSI-2
active termination. Unlike PNP regulators, where
a part of the output current is wasted as quiescent
current, the LD1085 quiescent current flows into
the load, so increase efficiency. Only a 10µF
minimum capacitor is need for stability.
The device is supplied in DPAK. On chip trimming
allows the regulator to reach a very tight output
voltage tolerance, within ±2% at 25°C.
LD1085C
SERIES
3A LOW DROP POSITIVE VOLTAGE
REGULATOR ADJUSTABLE AND FIXED
SCHEMATIC DIAGRAM
DPAK


Similar Part No. - LD1085CDT28

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD1085CDT-R STMICROELECTRONICS-LD1085CDT-R Datasheet
509Kb / 27P
3A Low drop positive voltage regulator adjustable and fixed
07-Jun-2007
LD1085CDT-R STMICROELECTRONICS-LD1085CDT-R Datasheet
371Kb / 16P
3 A low-drop, adjustable positive voltage regulator
09-Apr-2008
More results

Similar Description - LD1085CDT28

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
KD1083 STMICROELECTRONICS-KD1083 Datasheet
476Kb / 11P
7.5A LOW DROP POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED
Oct-2002
KD1084 STMICROELECTRONICS-KD1084 Datasheet
358Kb / 18P
5A LOW DROP POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED
May-2002
LD1084 STMICROELECTRONICS-LD1084 Datasheet
563Kb / 18P
5A LOW DROP POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED
May-2003
LD1085 STMICROELECTRONICS-LD1085 Datasheet
774Kb / 19P
3A LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
01-Mar-2005
LD1085 STMICROELECTRONICS-LD1085_07 Datasheet
509Kb / 27P
3A Low drop positive voltage regulator adjustable and fixed
07-Jun-2007
KD1084 STMICROELECTRONICS-KD1084_07 Datasheet
349Kb / 22P
5A Low drop positive voltage regulator adjustable and fixed
30-May-2007
LD1117XX STMICROELECTRONICS-LD1117XX Datasheet
1Mb / 42P
Adjustable and fixed low drop positive voltage regulator
22-Mar-2010
LD1117DT12CTR STMICROELECTRONICS-LD1117DT12CTR Datasheet
1Mb / 44P
Adjustable and fixed low drop positive voltage regulator
20-Nov-2013
LD1117V-DG STMICROELECTRONICS-LD1117V-DG Datasheet
1Mb / 44P
Adjustable and fixed low drop positive voltage regulator
20-Nov-2013
logo
First Silicon Co., Ltd
FR1117P FS-FR1117P Datasheet
401Kb / 6P
LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATOR
2012. 07. 20 Revision No : 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com