Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM809 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM809
Description  3-Pin Microprocessor Reset Circuits
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM809 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM809 Datasheet HTML 1Page - National Semiconductor (TI) LM809 Datasheet HTML 2Page - National Semiconductor (TI) LM809 Datasheet HTML 3Page - National Semiconductor (TI) LM809 Datasheet HTML 4Page - National Semiconductor (TI) LM809 Datasheet HTML 5Page - National Semiconductor (TI) LM809 Datasheet HTML 6Page - National Semiconductor (TI) LM809 Datasheet HTML 7Page - National Semiconductor (TI) LM809 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LM809/LM810
3-Pin Microprocessor Reset Circuits
General Description
The LM809/810 microprocessor supervisory circuits can be
used to monitor the power supplies in microprocessor and
digital systems. They provide a reset to the microprocessor
during power-up, power-down and brown-out conditions.
The function of the LM809/810 is to monitor the V
CC supply
voltage, and assert a reset signal whenever this voltage
declines below the factory-programmed reset threshold. The
reset signal remains asserted for 240ms after V
CC rises
above the threshold. The LM809 has an active-low RESET
output, while the LM810 has an active-high RESET output.
Seven standard reset voltage options are available, suitable
for monitoring 5V, 3.3V, and 3V supply voltages.
With a low supply current of only 15µA, the LM809/810 are
ideal for use in portable equipment. The LM809/LM810 are
available in the 3-pin SOT23 package and in the 6-Lead LLP
package.
Features
n
Precise monitoring of 3V, 3.3V, and 5V supply voltages
n
Superior upgrade to MAX809/810
n
Fully specified over temperature
n
140ms min. Power-On Reset pulse width, 240ms typical
Active-low RESET Output (LM809)
Active-high RESET Output (LM810)
n
Guaranteed RESET Output valid for V
CC
≥1V
n
Low Supply Current, 15µA typ.
n
Power supply transient immunity
Applications
n
Microprocessor Systems
n
Computers
n
Controllers
n
Intelligent Instruments
n
Portable/Battery-Powered Equipment
n
Automotive
Typical Application Circuit
10105701
Connection Diagrams
10105702
( ) are for LM810
10105715
Top View
See NS package Number LDB06A
( ) are for LM810
September 2002
© 2002 National Semiconductor Corporation
DS101057
www.national.com


Similar Part No. - LM809

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM809 TI-LM809 Datasheet
818Kb / 14P
LM809/LM810 3-Pin Microprocessor Reset Circuits
LM809 TI1-LM809 Datasheet
1Mb / 18P
LM809/LM810 3-Pin Microprocessor Reset Circuits
LM809 TI2-LM809 Datasheet
831Kb / 20P
LM809/LM810 3-Pin Microprocessor Reset Circuits
REVISED APRIL 2016
LM809M3-2.63 TI-LM809M3-2.63 Datasheet
818Kb / 14P
LM809/LM810 3-Pin Microprocessor Reset Circuits
LM809M3-2.63/NOPB TI1-LM809M3-2.63/NOPB Datasheet
1Mb / 18P
LM809/LM810 3-Pin Microprocessor Reset Circuits
More results

Similar Description - LM809

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX803L MAXIM-MAX803L_10 Datasheet
145Kb / 8P
3-Pin Microprocessor Reset Circuits
Rev 7; 2/10
logo
Diodes Incorporated
APX809 DIODES-APX809_09 Datasheet
128Kb / 9P
3-PIN MICROPROCESSOR RESET CIRCUITS
APX809/810 Rev. 4
logo
BCD Semiconductor Manuf...
AZ809,810 BCDSEMI-AZ809,810 Datasheet
572Kb / 9P
3-PIN MICROPROCESSOR RESET CIRCUITS
logo
Maxim Integrated Produc...
MAX809MEUR MAXIM-MAX809MEUR Datasheet
162Kb / 8P
3-Pin Microprocessor Reset Circuits
Rev 5; 1/01
MAX809SEUR-T MAXIM-MAX809SEUR-T Datasheet
194Kb / 8P
3-Pin Microprocessor Reset Circuits
Rev 8; 12/12
logo
Union Semiconductor, In...
UM809 UNIONSEMI-UM809 Datasheet
322Kb / 15P
3-Pin Microprocessor Reset Circuits
UM803 UNIONSEMI-UM803 Datasheet
332Kb / 11P
3-Pin Microprocessor Reset Circuits
logo
ACE Technology Co., LTD...
ACE803ND ACE-ACE803ND Datasheet
926Kb / 9P
3-Pin Microprocessor Reset Circuits
VER 1.1
logo
Fitipower Integrated Te...
FP6809 FITIPOWER-FP6809 Datasheet
441Kb / 9P
3-Pin Microprocessor Reset Circuits
logo
Maxim Integrated Produc...
MAX803 MAXIM-MAX803 Datasheet
870Kb / 8P
3-Pin Microprocessor Reset Circuits
Rev 11; 10/17
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com