Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMX2525 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2525
Description  PLLatinum Dual Frequency Synthesizer System with Integrated VCOs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2525 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LMX2525 Datasheet HTML 9Page - National Semiconductor (TI) LMX2525 Datasheet HTML 10Page - National Semiconductor (TI) LMX2525 Datasheet HTML 11Page - National Semiconductor (TI) LMX2525 Datasheet HTML 12Page - National Semiconductor (TI) LMX2525 Datasheet HTML 13Page - National Semiconductor (TI) LMX2525 Datasheet HTML 14Page - National Semiconductor (TI) LMX2525 Datasheet HTML 15Page - National Semiconductor (TI) LMX2525 Datasheet HTML 16Page - National Semiconductor (TI) LMX2525 Datasheet HTML 17Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Programming Description (Continued)
R0 REGISTER
The R0 register address bits (R0 [1:0]) are “00”.
The Rx/Tx bit selects between receive and transmit modes and, in conjunction with the band select bit (BS), the channel spacing
to be synthesized.
The RF_PD bit selects the power down mode of the RF PLL and selected VCO.
The HS bit selects between normal and high speed locking mode.
The BS bit determines which of the two internal VCOs (PDC800 or PDC1500) is active.
The RF N counter consists of the 4-bit programmable counter (RF_B counter), the 3-bit swallow counter (RF_A counter) and the
10-bit delta sigma modulator (RF_FN counter). The equations for calculating the counter values are presented below.
R0 REGISTER
MSB
SHIFT REGISTER BIT LOCATION
LSB
23
22
21
20
19
18
17
16
15
14
13
12
11
10
987654321
0
Data Field
Address
Field
R0
(Default)
RX/
TX
RF_
PD
HS
0
BS
RF_B
[3:0]
RF_A
[2:0]
RF_FN
[9:0]
00
Name
Functions
RX/TX
RX/TX Mode
0=Rx
1= Tx
RF_PD
Power Down of RF Synthesizer
0 = RF synthesizer on (Active mode)
1 = RF synthesizer powered down
HS
Locking Mode
0 = Normal Mode
1 = High Speed Mode
BS
Band Select
1 = RF1 VCO (PDC1500)
0 = RF2 VCO (PDC800)
RF_B [3:0]
RF_B Counter
4-bit programmable counter
0
≤ RF_B ≤ 15 for both bands
RF_A [2:0]
RF_A Counter
3-bit swallow counter
0
≤ RF_A ≤ 7 for PDC1500
0
≤ RF_A ≤ 3 for PDC800
RF_FN [9:0]
RF_FN Counter
10-bit modulus counter
0
≤ RF_FN < FD See Table 6 for FD values.
Counter Name
Symbol
Functions
Modulus Counter
RF_FN
RF N Divider
N=8x RF_B + RF_A + RF_FN/FD (PDC1500)
N=4x RF_B + RF_A + RF_FN/FD (PDC800)
Programmable Counter
RF_B
Swallow Counter
RF_A
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com