Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6550 Datasheet(PDF) 2 Page - Linear Technology

Part # LT6550
Description  3.3V Triple and Quad Video Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6550 Datasheet(HTML) 2 Page - Linear Technology

  LT6550 Datasheet HTML 1Page - Linear Technology LT6550 Datasheet HTML 2Page - Linear Technology LT6550 Datasheet HTML 3Page - Linear Technology LT6550 Datasheet HTML 4Page - Linear Technology LT6550 Datasheet HTML 5Page - Linear Technology LT6550 Datasheet HTML 6Page - Linear Technology LT6550 Datasheet HTML 7Page - Linear Technology LT6550 Datasheet HTML 8Page - Linear Technology LT6550 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LT6550/LT6551
2
65501f
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
DC Output Accuracy
No Load, VOUT Ideal = 1.5V
q
30
70
mV
Output Voltage Matching
Between Any Two Outputs
q
25
75
mV
Input Current
Any Input
q
15
65
µA
Input Impedance,
∆VIN/∆IIN
VIN = 0V to 1V
q
100
300
k
Ω
Input Noise Voltage Density
f = 100kHz (Note 10)
12
nV/
√Hz
Input Noise Current Density
f = 100kHz (Note 10)
8
pA/
√Hz
Voltage Gain (Note 5)
0.25V
≤ VIN ≤ 1.25V
No Load
q
1.9
2.1
V/V
RL = 150Ω
q
1.9
2.1
V/V
RL = 75Ω, 0.25V ≤ VIN ≤ 0.75V
1.85
2.15
V/V
Output Voltage Swing Low
VIN = – 0.1V
No Load
q
10
30
mV
ISINK = 5mA
q
60
150
mV
ISINK = 10mA
q
90
200
mV
Output Voltage Swing High
VIN = 1.75V
No Load
q
3.0
3.2
V
RL = 150Ω
q
2.5
2.9
V
RL = 75Ω
2.0
2.5
V
Total Supply Voltage
LT6550 (VCC TO VEE) ........................................ 12.6V
LT6551 (VCC TO GND) ...................................... 12.6V
Input Current (Note 9) ........................................
±10mA
Output Short-Circuit Duration (Note 2) ............ Indefinite
Operating Temperature Range ................ – 40
°C to 85°C
ORDER PART
NUMBER
MS10 PART
MARKING
LTB9
LTC1
LT6550CMS
LT6550IMS
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
The q denotes the specifications which apply over the specified
temperature range, otherwise specifications are at TA = 25°C. VCC = 3.3V, VGND = 0V; VIN = 0.75V LT6550 (Pins 1,2,3);
LT6551 (Pins 1,2,3,4). VEE = 0V LT6550 (Pin 5), unless otherwise noted.
Consult LTC Marketing for parts specified with wider operating temperature ranges.
ORDER PART
NUMBER
MS10 PART
MARKING
TJMAX = 150°C, θJA = 110°C/W
(Note 4)
LTC2
LTC3
Specified Temperature Range (Note 3)
LT6550C/LT6551C ..............................–40
°C to 85°C
LT6550I/LT6551I ................................ – 40
°C to 85°C
Maximum Junction Temperature .......................... 150
°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
LT6551CMS
LT6551IMS
TJMAX = 150°C, θJA = 110°C/W
(Note 4)
1
2
3
4
5
IN1
IN2
IN3
GND
VEE
10
9
8
7
6
VCC
OUT1
OUT2
OUT3
N/C
TOP VIEW
MS10 PACKAGE
10-LEAD PLASTIC MSOP
X2
X2
X2
1
2
3
4
5
IN1
IN2
IN3
IN4
GND
10
9
8
7
6
VCC
OUT1
OUT2
OUT3
OUT4
TOP VIEW
MS10 PACKAGE
10-LEAD PLASTIC MSOP
X2
X2
X2
X2
3.3V ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com