Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WI453232-R10F Datasheet(PDF) 2 Page - Superworld Electronics

Part # WI453232-R10F
Description  Wire Wound Inductor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

WI453232-R10F Datasheet(HTML) 2 Page - Superworld Electronics

  WI453232-R10F Datasheet HTML 1Page - Superworld Electronics WI453232-R10F Datasheet HTML 2Page - Superworld Electronics WI453232-R10F Datasheet HTML 3Page - Superworld Electronics WI453232-R10F Datasheet HTML 4Page - Superworld Electronics WI453232-R10F Datasheet HTML 5Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Wire Wound Inductor – WI453232 Series
NOTE: Specifications subject to change without notice. Please check our website for latest information.
Proprietary and Confidential
Document of Superworld
02/10/2017
P2
5. General Specification:
a) Operating Temp. : -40°C ~ +125°C
b) Storage Temp. : -40°C ~ +125°C
c) Rated Current will cause the inductance drop within 10%
6. Electrical Characteristics
Part No
Inductance
(uH)
Tolerance
Q Min.
Test Frequency
(MHz)
SRF
(MHz) Min.
DCR (Ω)
Max.
IDC
(mA)
Max.
WI453232-R10 F
0.10
M
35
25.2
300
0.18
800
WI453232-R12 F
0.12
M
35
25.2
280
0.20
770
WI453232-R15 F
0.15
M
35
25.2
250
0.22
730
WI453232-R18 F
0.18
M
35
25.2
220
0.24
700
WI453232-R22 F
0.22
M
40
25.2
200
0.25
665
WI453232-R27 F
0.27
M
40
25.2
180
0.26
635
WI453232-R33 F
0.33
M
40
25.2
165
0.28
605
WI453232-R39 F
0.39
M
40
25.2
150
0.30
575
WI453232-R47 F
0.47
M
40
25.2
145
0.32
545
WI453232-R56 F
0.56
M
40
25.2
140
0.36
520
WI453232-R68 F
0.68
M
40
25.2
135
0.40
500
WI453232-R82 F
0.82
M
40
25.2
130
0.45
475
WI453232-1R0 F
1.0
K
50
7.96
100
0.50
450
WI453232-1R2 F
1.2
K
50
7.96
80
0.55
430
WI453232-1R5 F
1.5
K
50
7.96
70
0.60
410
WI453232-1R8 F
1.8
K
50
7.96
60
0.65
390
WI453232-2R2 F
2.2
K
50
7.96
55
0.70
380
WI453232-2R7 F
2.7
K
50
7.96
50
0.75
370
WI453232-3R3 F
3.3
K
50
7.96
45
0.80
355
WI453232-3R9 F
3.9
K
50
7.96
40
0.90
330
WI453232-4R7 F
4.7
K
50
7.96
35
1.00
315
WI453232-5R6 F
5.6
K
50
7.96
33
1.10
300
WI453232-6R8 F
6.8
K
50
7.96
27
1.20
285
WI453232-8R2 F
8.2
K
50
7.96
25
1.40
270
WI453232-100 F
10
K
50
2.52
20
1.60
250
WI453232-120 F
12
K
50
2.52
18
2.00
225
WI453232-150 F
15
K
50
2.52
17
2.50
200



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com