Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WI453232-R12F Datasheet(PDF) 3 Page - Superworld Electronics

Part # WI453232-R12F
Description  Wire Wound Inductor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

WI453232-R12F Datasheet(HTML) 3 Page - Superworld Electronics

  WI453232-R12F Datasheet HTML 1Page - Superworld Electronics WI453232-R12F Datasheet HTML 2Page - Superworld Electronics WI453232-R12F Datasheet HTML 3Page - Superworld Electronics WI453232-R12F Datasheet HTML 4Page - Superworld Electronics WI453232-R12F Datasheet HTML 5Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Wire Wound Inductor – WI453232 Series
NOTE: Specifications subject to change without notice. Please check our website for latest information.
Proprietary and Confidential
Document of Superworld
02/10/2017
P3
Part No
Inductance
(uH)
Tolerance
Q Min.
Test Frequency
(MHz)
SRF
(MHz) Min.
DCR (Ω)
Max.
IDC
(mA)
Max.
WI453232-180 F
18
K
50
2.52
15
2.80
190
WI453232-220 F
22
K
50
2.52
13
3.20
180
WI453232-270 F
27
K
50
2.52
12
3.60
170
WI453232-330 F
33
K
50
2.52
11
4.00
160
WI453232-390 F
39
K
50
2.52
10
4.50
150
WI453232-470 F
47
K
50
2.52
10
5.00
140
WI453232-560 F
56
K
50
2.52
9
5.50
135
WI453232-680 F
68
K
50
2.52
9
6.00
130
WI453232-820 F
82
K
50
2.52
8
7.00
120
WI453232-101 F
100
K
40
0.796
8
8.00
110
WI453232-121 F
120
K
40
0.796
6
8.00
110
WI453232-151 F
150
K
40
0.796
5
9.00
105
WI453232-181 F
180
K
40
0.796
5
9.50
102
WI453232-221 F
220
K
40
0.796
4
10.00
100
WI453232-271 F
270
K
40
0.796
4
12.00
92
WI453232-331 F
330
K
40
0.796
3.5
14.00
85
WI453232-391 F
390
K
40
0.796
3.0
18.00
80
WI453232-471 F
470
K
40
0.796
3.0
26.00
62
WI453232-561 F
560
K
30
0.796
3.0
30.00
50
WI453232-681 F
680
K
30
0.796
3.0
30.00
50
WI453232-821 F
820
K
30
0.796
2.5
35.00
30
WI453232-102 F
1000
K
20
2.252
2.5
40.00
30
Tolerance: K = ± 10%
M = ± 20%



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com