Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE6232 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE6232
Description  SMA Female Input Square Body Nickel Plated Brass
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6232 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE6232 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6232 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE6232 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE6232 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Features
• DC to 3 GHz Frequency Range
• VSWR 1.25:1 Max
• Max Power 50 Watt (CW)
• SMA Female Coaxial Interface
Applications
• Wireless
• SatCom
• Radar Systems
• Test and Measurement
• Commercial and Military
Communication
.
Description
Pasternack’s PE6232 is an RF termination (also called RF load or dummy load) that operates from DC to 3 GHz and handles
up to 50 Watt (CW). Our SMA termination / load has a female gender. PE6232 SMA load termination offers 1.25:1 max VSWR.
RF load / terminations are indispensable components in many RF, microwave and millimeter wave systems where signal
reflection from unused ports can potentially damage the device or reduce the signal integrity. By using a terminator on an
unused port with a matched load (dummy load), the incident energy will be absorbed with minimal reflection. These termination
components are commonly used to terminate devices such as couplers, circulators, and switches. They are also widely used
in measurement systems to ensure accurate results. Pasternack offers a huge selection of RF, microwave and millimeter wave
terminations up to 65 GHz with excellent performance over the entire operating range and power handling capabilities up to
800 Watt (CW).
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
3
GHz
Impedance
50
Ohms
VSWR
1.25:1
Input Power (CW)
50
Watts
derated linearly to 5W at +125°C
Input Power (Peak)
1
KWatts
5µs pulse, 3% duty cycle
.
Mechanical Specifications
Size
Length
1.26 in [32 mm]
Width
1.5 in [38.1 mm]
Height
0.69 in [17.53 mm]
.
Weight
0.066 lbs [29.94 g]
.
Configuration
Connector
SMA Female
PE6232
PE6232 REV 1.2
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 50 Watt RF Load Up to 3 GHz With SMA Female Input Square Body Nickel Plated Brass
PE6232
RF Terminations Technical Data Sheet
50 Watt RF Load Up to 3 GHz With SMA
Female Input Square Body Nickel Plated Brass


Similar Part No. - PE6232

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6232 PASTERNACK-PE6232 Datasheet
357Kb / 2P
Medium Power 50 Watts RF Load Up To 3 GHz With SMA Female Input Square Body Nickel Plated Brass
More results

Similar Description - PE6232

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
73100-0115 MOLEX11-73100-0115 Datasheet
29Kb / 1P
50 Ohms, SMA Right-Angle PCB Jack Receptacle, Brass Body, Nickel Plated
73251-3131 MOLEX11-73251-3131 Datasheet
29Kb / 1P
50 Ohms, SMA Right-Angle PCB Jack Receptacle, Brass Body, Nickel Plated, Bulk
logo
Pasternack Enterprises,...
PE6232 PASTERNACK-PE6232 Datasheet
357Kb / 2P
Medium Power 50 Watts RF Load Up To 3 GHz With SMA Female Input Square Body Nickel Plated Brass
logo
E-SWITCH
52-PV5S64019G E-SWITCH-52-PV5S64019G Datasheet
61Kb / 1P
Nickel Plated Brass
52-PV6F2PXSS331 E-SWITCH-52-PV6F2PXSS331 Datasheet
156Kb / 1P
Nickel Plated Brass
52-PV6F240113G1 E-SWITCH-52-PV6F240113G1 Datasheet
163Kb / 1P
Nickel Plated Brass
logo
Molex Electronics Ltd.
0732510132 MOLEX11-0732510132 Datasheet
43Kb / 1P
50 Ohms, SMA Plug, Straight, Crimp, RG-58 Cable, Body Brass, Nickel Plated
0732511630 MOLEX11-0732511630 Datasheet
43Kb / 1P
50 Ohms, SMA Plug, Straight, Belden 7806R, Brass Body, Nickel Plated
0731000115 MOLEX-0731000115_V01 Datasheet
57Kb / 1P
50 Ohms, SMA Right-Angle PCB Jack Receptacle, Brass Body, Nickel Plated,Tray
0732511630 MOLEX-0732511630_V01 Datasheet
37Kb / 1P
50 Ohms, SMA Plug, Straight, Belden 7806R, Brass Body, Nickel Plated
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com