Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WI322522-R12JF Datasheet(PDF) 5 Page - Superworld Electronics

Part # WI322522-R12JF
Description  Wire Wound Inductor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

WI322522-R12JF Datasheet(HTML) 5 Page - Superworld Electronics

  WI322522-R12JF Datasheet HTML 1Page - Superworld Electronics WI322522-R12JF Datasheet HTML 2Page - Superworld Electronics WI322522-R12JF Datasheet HTML 3Page - Superworld Electronics WI322522-R12JF Datasheet HTML 4Page - Superworld Electronics WI322522-R12JF Datasheet HTML 5Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Wire Wound Inductor WI322522 Series
NOTE: Specifications subject to change without notice. Please check our website for latest information.
Proprietary and Confidential
Document of Superworld
02/10/2017
P5
8. Packaging Information
8-1 Reel Dimension
8-2 Tape Dimension
8-3 Packaging Quantity
A(mm)
B(mm)
C(mm)
T1(mm)
T2(mm)
4.0
2.8
3.5
0.3
2.45
Series
WI322522
Reel (ø180*11mm)
2,000pcs
Box (185*90*190mm)
10,000pcs
Carton (480*195*200mm)
50,000pcs



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com