Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WI322522-R18JF Datasheet(PDF) 2 Page - Superworld Electronics

Part # WI322522-R18JF
Description  Wire Wound Inductor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

WI322522-R18JF Datasheet(HTML) 2 Page - Superworld Electronics

  WI322522-R18JF Datasheet HTML 1Page - Superworld Electronics WI322522-R18JF Datasheet HTML 2Page - Superworld Electronics WI322522-R18JF Datasheet HTML 3Page - Superworld Electronics WI322522-R18JF Datasheet HTML 4Page - Superworld Electronics WI322522-R18JF Datasheet HTML 5Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Wire Wound Inductor WI322522 Series
NOTE: Specifications subject to change without notice. Please check our website for latest information.
Proprietary and Confidential
Document of Superworld
02/10/2017
P2
5. General Specification:
a) Operating Temp. : -40°C ~ +125°C
b) Storage Temp. : -40°C ~ +125°C
c) Rated Current will cause the inductance drop within 10%
6. Electrical Characteristics
Part No
Inductance
(uH)
Tolerance
Q Min.
Test Frequency
(MHz)
SRF
(MHz) Min.
DCR (Ω)
Max.
IDC
(mA)
Max.
WI322522-010 F
0.010
M
15
100
2500
0.13
450
WI322522-012 F
0.012
M
17
100
2300
0.14
450
WI322522-015 F
0.015
M
19
100
2100
0.16
450
WI322522-018 F
0.018
M
21
100
1900
0.18
450
WI322522-022 F
0.022
M
23
100
1700
0.20
450
WI322522-027 F
0.027
M
23
100
1500
0.22
450
WI322522-033 F
0.033
M
25
100
1400
0.24
450
WI322522-039 F
0.039
M
25
100
1300
0.27
450
WI322522-047 F
0.047
M
26
100
1200
0.30
450
WI322522-056 F
0.056
M
26
100
1100
0.33
450
WI322522-068 F
0.068
M
27
100
1000
0.36
450
WI322522-082 F
0.082
M
27
100
900
0.40
450
WI322522-R10 F
0.10
K
28
100
700
0.44
450
WI322522-R12 F
0.12
K,M
30
25.2
500
0.22
450
WI322522-R15 F
0.15
K,M
30
25.2
450
0.25
450
WI322522-R18 F
0.18
K,M
30
25.2
400
0.28
450
WI322522-R22 F
0.22
J,M
30
25.2
350
0.32
450
WI322522-R27 F
0.27
K,M
30
25.2
320
0.36
450
WI322522-R33 F
0.33
K,M
30
25.2
300
0.40
450
WI322522-R39 F
0.39
K,M
30
25.2
250
0.45
450
WI322522-R47 F
0.47
K,M
30
25.2
220
0.50
450
WI322522-R56 F
0.56
K,M
30
25.2
180
0.55
450
WI322522-R68 F
0.68
K,M
30
25.2
160
0.60
450
WI322522-R82 F
0.82
K,M
30
25.2
140
0.65
450
WI322522-1R0 F
1.00
J,K
30
7.96
120
0.70
400



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com