Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WI322522-R68JF Datasheet(PDF) 3 Page - Superworld Electronics

Part # WI322522-R68JF
Description  Wire Wound Inductor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

WI322522-R68JF Datasheet(HTML) 3 Page - Superworld Electronics

  WI322522-R68JF Datasheet HTML 1Page - Superworld Electronics WI322522-R68JF Datasheet HTML 2Page - Superworld Electronics WI322522-R68JF Datasheet HTML 3Page - Superworld Electronics WI322522-R68JF Datasheet HTML 4Page - Superworld Electronics WI322522-R68JF Datasheet HTML 5Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Wire Wound Inductor – WI322522 Series
NOTE: Specifications subject to change without notice. Please check our website for latest information.
Proprietary and Confidential
Document of Superworld
02/10/2017
P3
Part No
Inductance
(uH)
Tolerance
Q Min.
Test Frequency
(MHz)
SRF
(MHz) Min.
DCR (Ω)
Max.
IDC
(mA)
Max.
WI322522-1R2 F
1.20
J,K
30
7.96
100
0.75
390
WI322522-1R5 F
1.50
J,K
30
7.96
85
0.85
370
WI322522-1R8 F
1.80
J,K
30
7.96
80
0.90
350
WI322522-2R2 F
2.20
J,K
30
7.96
75
1.0
320
WI322522-2R7 F
2.70
J,K
30
7.96
70
1.1
290
WI322522-3R3 F
3.30
J,K
30
7.96
60
1.2
260
WI322522-3R9 F
3.90
J,K
30
7.96
55
1.3
250
WI322522-4R7 F
4.70
J,K
30
7.96
50
1.5
220
WI322522-5R6 F
5.60
J,K
30
7.96
45
1.6
200
WI322522-6R8 F
6.80
J,K
30
7.96
40
1.8
180
WI322522-8R2 F
8.20
J,K
30
7.96
35
2.0
170
WI322522-100 F
10.0
J,K
30
2.52
30
2.1
150
WI322522-120 F
12.0
J,K
30
2.52
20
2.5
140
WI322522-150 F
15.0
J,K
30
2.52
20
2.8
130
WI322522-180 F
18.0
J,K
30
2.52
20
3.3
120
WI322522-220 F
22.0
J,K
30
2.52
20
3.7
110
WI322522-270 F
27.0
J,K
30
2.52
18
5.0
80
WI322522-330 F
33.0
J,K
30
2.52
17
5.6
70
WI322522-390 F
39.0
J,K
30
2.52
16
6.4
65
WI322522-470 F
47.0
J,K
30
2.52
15
7.0
60
WI322522-560 F
56.0
J,K
30
2.52
13
8.0
55
WI322522-680 F
68.0
J,K
30
2.52
12
9.0
50
WI322522-820 F
82.0
J,K
30
2.52
11
10.0
45
WI322522-101 F
100
J,K
20
0.796
10
10.0
40
WI322522-121 F
120
J,K
20
0.796
9
11.0
70
WI322522-151 F
150
J,K
20
0.796
7
15.0
65
WI322522-181 F
180
J,K
20
0.796
7
17.0
60
WI322522-221 F
220
J,K
20
0.796
6
21.0
50
WI322522-271 F
270
J,K
20
0.796
5
28.0
45
WI322522-331 F
330
J,K
20
0.796
5
34.0
40
Tolerance: J = ± 5%
K = ± 10%
M = ± 20%



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com