Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WI322522-R82JF Datasheet(PDF) 1 Page - Superworld Electronics

Part # WI322522-R82JF
Description  Wire Wound Inductor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

WI322522-R82JF Datasheet(HTML) 1 Page - Superworld Electronics

  WI322522-R82JF Datasheet HTML 1Page - Superworld Electronics WI322522-R82JF Datasheet HTML 2Page - Superworld Electronics WI322522-R82JF Datasheet HTML 3Page - Superworld Electronics WI322522-R82JF Datasheet HTML 4Page - Superworld Electronics WI322522-R82JF Datasheet HTML 5Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Wire Wound Inductor – WI322522 Series
NOTE: Specifications subject to change without notice. Please check our website for latest information.
Proprietary and Confidential
Document of Superworld
02/10/2017
P1
1. Part No. Expression:
W I 3 2 2 5 2 2 - 2 R 2 K F
a) Series Code
d) Tolerance Code
(a)
(b)
(c) (d)(e)
b) Dimension Code
e) F: RoHS Compliant
c) Inductance Code
2. Configuration & Dimensions :
Unit: mm
3. Schematic
4. Material List
A
B
C
D
E
F
G
H
I
3.2±0.3
2.5±0.2
2.2±0.2 0.6 Ref.
0.2 Min. 1.9±0.1 2.0 Ref. 2.0 Ref. 1.2 Ref.


Similar Part No. - WI322522-R82JF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
WI322522-R82MF-11 SUPERWORLD-WI322522-R82MF-11 Datasheet
267Kb / 6P
MOLDED WIREWOUND CHIP INDUCTORS
WI322522-R82MF-22 SUPERWORLD-WI322522-R82MF-22 Datasheet
267Kb / 6P
MOLDED WIREWOUND CHIP INDUCTORS
WI322522-R82MF-55 SUPERWORLD-WI322522-R82MF-55 Datasheet
267Kb / 6P
MOLDED WIREWOUND CHIP INDUCTORS
WI322522-R82MF-77 SUPERWORLD-WI322522-R82MF-77 Datasheet
267Kb / 6P
MOLDED WIREWOUND CHIP INDUCTORS
WI322522-R82MF-99 SUPERWORLD-WI322522-R82MF-99 Datasheet
267Kb / 6P
MOLDED WIREWOUND CHIP INDUCTORS
More results

Similar Description - WI322522-R82JF

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
LCWC0402K101GTAR AVX-LCWC0402K101GTAR Datasheet
302Kb / 10P
Wire Wound Chip Inductor
logo
List of Unclassifed Man...
MCFT000148 ETC2-MCFT000148 Datasheet
622Kb / 10P
Wire Wound Chip Inductor
logo
Superworld Electronics
SDI453226 SUPERWORLD-SDI453226_15 Datasheet
202Kb / 5P
Wire Wound Inductor
SCI1008LP SUPERWORLD-SCI1008LP_15 Datasheet
225Kb / 4P
Wire Wound Inductor
HWI322522 SUPERWORLD-HWI322522_15 Datasheet
256Kb / 4P
Wire Wound Inductor
HWI453232 SUPERWORLD-HWI453232_15 Datasheet
238Kb / 4P
Wire Wound Inductor
WI453232 SUPERWORLD-WI453232_15 Datasheet
263Kb / 5P
Wire Wound Inductor
WI565050 SUPERWORLD-WI565050_15 Datasheet
253Kb / 5P
Wire Wound Inductor
logo
Delta Electronics, Inc.
0805CS DELTA-0805CS Datasheet
488Kb / 5P
WIRE-WOUND CHIP INDUCTOR
logo
AiT Semiconductor Inc.
WSI AITSEMI-WSI Datasheet
2Mb / 23P
WIRE WOUND SMD INDUCTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com