Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE3C0728LF-200CM Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE3C0728LF-200CM
Description  2.4mm Male to 2.4mm Male Cable 200 cm Length Using PE-P086HF Coax, LF Solder, RoHS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C0728LF-200CM Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3C0728LF-200CM Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C0728LF-200CM Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C0728LF-200CM Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C0728LF-200CM Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• Connector 1: 2.4mm Male
• Connector 2: 2.4mm Male
• Cable Type: PE-P086HF
•
.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
50
GHz
VSWR
1.4:1
Return Loss
-15.56
dB
Insertion Loss
11
dB
Velocity of Propagation
69.5
%
RF Shielding
110
dB
Capacitance
29.4 [96.46]
pF/ft [pF/m]
.
Specifications by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency
2.5
5
10
20
40
GHz
Insertion Loss (Max.)
2.4
3.4
5
7.3
11
dB
Insertion Loss (Typ.)
2.2
3.1
4.5
6.7
10
dB
.
Mechanical Specifications
Cable Assembly
Length*
78.74 in [200 cm]
Diameter
0.312 in [7.92 mm]
.
Cable
Cable Type
PE-P086HF
Impedance
50 Ohms
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 2.4mm Male to 2.4mm Male Cable 200 cm Length Using PE-P086HF Coax, LF Solder, RoHS
PE3C0728LF-200CM
PE3C0728LF-200CM REV 1.0
2.4mm Male to 2.4mm Male Cable 200 cm Length
Using PE-P086HF Coax, LF Solder, RoHS
RF Cable Assemblies Technical Data Sheet
PE3C0728LF-200CM


Similar Part No. - PE3C0728LF-200CM

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C0728LF-24 PASTERNACK-PE3C0728LF-24 Datasheet
363Kb / 4P
2.4mm Male to 2.4mm Male Cable 24 Inch Length Using PE-P086HF Coax, LF Solder, RoHS
More results

Similar Description - PE3C0728LF-200CM

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C0728LF-6 PASTERNACK-PE3C0728LF-6 Datasheet
363Kb / 4P
2.4mm Male to 2.4mm Male Cable 6 Inch Length Using PE-P086HF Coax, LF Solder, RoHS
PE3C0728LF-12 PASTERNACK-PE3C0728LF-12 Datasheet
363Kb / 4P
2.4mm Male to 2.4mm Male Cable 12 Inch Length Using PE-P086HF Coax, LF Solder, RoHS
PE3C0728LF-18 PASTERNACK-PE3C0728LF-18 Datasheet
363Kb / 4P
2.4mm Male to 2.4mm Male Cable 18 Inch Length Using PE-P086HF Coax, LF Solder, RoHS
PE3C0728LF-24 PASTERNACK-PE3C0728LF-24 Datasheet
363Kb / 4P
2.4mm Male to 2.4mm Male Cable 24 Inch Length Using PE-P086HF Coax, LF Solder, RoHS
PE3C0728LF-36 PASTERNACK-PE3C0728LF-36 Datasheet
364Kb / 4P
2.4mm Male to 2.4mm Male Cable 36 Inch Length Using PE-P086HF Coax, LF Solder, RoHS
PE3C0728LF-48 PASTERNACK-PE3C0728LF-48 Datasheet
363Kb / 4P
2.4mm Male to 2.4mm Male Cable 48 Inch Length Using PE-P086HF Coax, LF Solder, RoHS
PE3C0728LF-50CM PASTERNACK-PE3C0728LF-50CM Datasheet
363Kb / 4P
2.4mm Male to 2.4mm Male Cable 50 cm Length Using PE-P086HF Coax, LF Solder, RoHS
PE3C0728LF-72 PASTERNACK-PE3C0728LF-72 Datasheet
363Kb / 4P
2.4mm Male to 2.4mm Male Cable 72 Inch Length Using PE-P086HF Coax, LF Solder, RoHS
PE3C0728LF-100CM PASTERNACK-PE3C0728LF-100CM Datasheet
363Kb / 4P
2.4mm Male to 2.4mm Male Cable 100 cm Length Using PE-P086HF Coax, LF Solder, RoHS
PE3C0728LF-150CM PASTERNACK-PE3C0728LF-150CM Datasheet
363Kb / 4P
2.4mm Male to 2.4mm Male Cable 150 cm Length Using PE-P086HF Coax, LF Solder, RoHS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com