Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE3C0747-50CM Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE3C0747-50CM
Description  2.4mm Male to 2.92mm Male Cable 50 cm Length Using PE-P086 Coax
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C0747-50CM Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3C0747-50CM Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C0747-50CM Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C0747-50CM Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C0747-50CM Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE3C0747-50CM Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE3C0747-50CM Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Configuration
• Connector 1: 2.4mm Male
• Connector 2: 2.92mm Male
• Cable Type: PE-P086
.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
40
GHz
VSWR
1.4:1
Insertion Loss
1.9
dB
Velocity of Propagation
70
%
RF Shielding
110
dB
Capacitance
29.4 [96.46]
pF/ft [pF/m]
.
Specifications by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency
2.5
5
10
20
40
GHz
Insertion Loss (Max.)
0.69
1.04
1.52
2.57
3.42
dB
Insertion Loss (Typ.)
0.63
0.94
1.38
2.04
3.03
dB
VSWR (Max.)
1.3:1
1.3:1
1.3:1
1.3:1
1.4:1
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 2.4mm Male to 2.92mm Male Cable 50 cm Length Using PE-P086 Coax PE3C0747-50CM
PE3C0747-50CM REV 1.2
2.4mm Male to 2.92mm Male Cable 50 cm
Length Using PE-P086 Coax
RF Cable Assemblies Technical Data Sheet
PE3C0747-50CM


Similar Part No. - PE3C0747-50CM

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C0747-100CM PASTERNACK-PE3C0747-100CM Datasheet
539Kb / 6P
2.4mm Male to 2.92mm Male Cable 100 cm Length Using PE-P086 Coax
PE3C0747-12 PASTERNACK-PE3C0747-12 Datasheet
539Kb / 6P
2.4mm Male to 2.92mm Male Cable 12 Inch Length Using PE-P086 Coax
PE3C0747-150CM PASTERNACK-PE3C0747-150CM Datasheet
539Kb / 6P
2.4mm Male to 2.92mm Male Cable 150 cm Length Using PE-P086 Coax
PE3C0747-200CM PASTERNACK-PE3C0747-200CM Datasheet
550Kb / 6P
2.4mm Male to 2.92mm Male Cable 200 cm Length Using PE-P086 Coax
PE3C0747-24 PASTERNACK-PE3C0747-24 Datasheet
539Kb / 6P
2.4mm Male to 2.92mm Male Cable 24 Inch Length Using PE-P086 Coax
More results

Similar Description - PE3C0747-50CM

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C0747 PASTERNACK-PE3C0747 Datasheet
444Kb / 4P
2.4mm Male to 2.92mm Male Cable Using PE-P086 Coax, RoHS
PE3C0666-50CM PASTERNACK-PE3C0666-50CM Datasheet
446Kb / 4P
2.92mm Male to 2.92mm Male Cable 50 cm Length Using PE-P086 Coax, RoHS
PE3C0666-150CM PASTERNACK-PE3C0666-150CM Datasheet
446Kb / 4P
2.92mm Male to 2.92mm Male Cable 150 cm Length Using PE-P086 Coax, RoHS
PE3C0666-200CM PASTERNACK-PE3C0666-200CM Datasheet
446Kb / 4P
2.92mm Male to 2.92mm Male Cable 200 cm Length Using PE-P086 Coax, RoHS
PE3C0747-12 PASTERNACK-PE3C0747-12 Datasheet
539Kb / 6P
2.4mm Male to 2.92mm Male Cable 12 Inch Length Using PE-P086 Coax
PE3C0747-100CM PASTERNACK-PE3C0747-100CM Datasheet
539Kb / 6P
2.4mm Male to 2.92mm Male Cable 100 cm Length Using PE-P086 Coax
PE3C0747-150CM PASTERNACK-PE3C0747-150CM Datasheet
539Kb / 6P
2.4mm Male to 2.92mm Male Cable 150 cm Length Using PE-P086 Coax
PE3C0747-200CM PASTERNACK-PE3C0747-200CM Datasheet
550Kb / 6P
2.4mm Male to 2.92mm Male Cable 200 cm Length Using PE-P086 Coax
PE3C0747LF-50CM PASTERNACK-PE3C0747LF-50CM Datasheet
474Kb / 6P
2.4mm Male to 2.92mm Male Cable 50 cm Length Using PE-P086 Coax, LF Solder, RoHS
PE3C0751-50CM PASTERNACK-PE3C0751-50CM Datasheet
447Kb / 4P
2.4mm Male to 1.85mm Male Cable 50 cm Length Using PE-P086 Coax
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com