Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

890283322006CS Datasheet(PDF) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 890283322006CS
Description  WCAP-FTBP Film Capacitors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

890283322006CS Datasheet(HTML) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  890283322006CS Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 890283322006CS Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 890283322006CS Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 890283322006CS Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 890283322006CS Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 890283322006CS Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 890283322006CS Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
1st Line right
Matchcode: FTBP
2nd Line right
Rated Voltage: 400 V
2nd Line left
Capacitance & Tolerance Code: 683 J (Basis pF)
Top Cover Marking P < 15
Date Code: YWW
Top Cover Marking P ≥ 15
Date Code & Capacitance & Tolerance Code
Product Marking:
Properties
Test Conditions
File
Lead Diameter [mm] Force [N]
condition
Termination Robustness
IEC 600668 - 2 - 21 Pull Test
0.5 to ≤ 0.8
10
min. 10 sec.
0.9 to ≤ 1.25
20
min. 10 sec.
Bend Test
0.5 to ≤ 0.8
5
min. 2 cycles
0.9 to ≤ 1.25
10
min. 2 cycles
Mechanical Properties
Properties
Standard
Vibration
IEC 60068 - 2 - 6
all 3 directions, 2 hours each @ 15 - 55 - 15 Hz, amplitude 0.75 mm or
10 g
Damp Heat
IEC 60068 - 2 - 78
40°C, 95% RH, 56 days
Temperature
Cycles
IEC 60068 - 2 - 14
5 cycles, upper and lower temperature 30 min. each, 30 sec. transfer
time
Environmental Tests:
Capacitance Change vs. Temperature:
-5.0%
-3.0%
-1.0%
1.0%
3.0%
5.0%
-40 -30 -20 -10
0
10
20
30
40
50
60
70
80
90 100 105
Temperature [°C]
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CREATED
CHECKED
GENERAL TOLERANCE
PROJECTION
METHOD
KaS
PSL
DIN ISO 2768-1m
DESCRIPTION
TECHNICAL REFERENCE
WCAP-FTBP Film Capacitors
MPPP075683J400DCPB15004
ORDER CODE
890283322006CS
SIZE
REVISION
STATUS
DATE (YYYY-MM-DD)
BUSINESS UNIT
PAGE
Pitch 7.5
002.000
PCN
2017-12-20
eiCap
2/7
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com