Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMN62D1LFD Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMN62D1LFD
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN62D1LFD Datasheet(HTML) 3 Page - Diodes Incorporated

  DMN62D1LFD Datasheet HTML 1Page - Diodes Incorporated DMN62D1LFD Datasheet HTML 2Page - Diodes Incorporated DMN62D1LFD Datasheet HTML 3Page - Diodes Incorporated DMN62D1LFD Datasheet HTML 4Page - Diodes Incorporated DMN62D1LFD Datasheet HTML 5Page - Diodes Incorporated DMN62D1LFD Datasheet HTML 6Page - Diodes Incorporated DMN62D1LFD Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DMN62D1LFD
Document number: DS36476 Rev. 2 - 2
3 of 7
www.diodes.com
July 2017
© Diodes Incorporated
DMN62D1LFD
V
, DRAIN-SOURCE VOLTAGE (V)
Figure 1 Typical Output Characteristics
DS
0.0
0.1
0.2
0.3
0.4
0.5
0
0.5
1
1.5
2
2.5
3
V
= 1.2V
GS
V
= 1.5V
GS
V
= 2.0V
GS
V
= 2.5V
GS
V
= 3.0V
GS
V
= 3.5V
GS
V
= 4.0V
GS
V
= 4.5V
GS
I , DRAIN-SOURCE CURRENT (A)
D
Figure 3 Typical On-Resistance vs.
Drain Current and Gate Voltage
0.5
1
1.5
2
2.5
3
0
0.1
0.2
0.3
0.4
0.5
V
= 2.5V
GS
V
= 4.5V
GS
V
= 1.8V
GS
V
, GATE-SOURCE VOLTAGE (V)
GS
Figure 4 Typical Drain-Source On-Resistance
vs. Gate-Source Voltage
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0
2
4
6
8
10
12
14
16
18
20
I = 100mA
D
I = 50mA
D
T , JUNCTION TEMPERATURE ( C)
Figure 6 On-Resistance Variation with Temperature
J
0.4
0.8
1.2
1.6
2
2.4
-50
-25
0
25
50
75
100
125
150
V
= 4V
I = 200mA
GS
D
V
=
V
I = 100mA
GS
D
2.5
I , DRAIN CURRENT (A)
D
Figure 5 Typical On-Resistance vs.
Drain Current and Temperature
R
,
D
R
A
I
N
-
S
O
U
R
C
E
O
N
-
R
E
S
I
S
T
A
N
C
E
(
)
D
S
(
O
N
)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
0
0.1
0.2
0.3
0.4
0.5
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
V
= 4.5V
GS
V
, GATE-SOURCE VOLTAGE (V)
GS
Figure 2 Typical Transfer Characteristics
I
,
D
R
A
I
N
C
U
R
R
E
N
T
(
A
)
D
0
0.1
0.2
0.3
0.4
0.5
0
0.5
1
1.5
2
2.5
V
= 5.0V
DS
T = 150°C
A
T = 125°C
A
T = 85°C
A
T = 25°C
A
T = -55°C
A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com