Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMN95H2D2HCTI Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMN95H2D2HCTI
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN95H2D2HCTI Datasheet(HTML) 2 Page - Diodes Incorporated

  DMN95H2D2HCTI Datasheet HTML 1Page - Diodes Incorporated DMN95H2D2HCTI Datasheet HTML 2Page - Diodes Incorporated DMN95H2D2HCTI Datasheet HTML 3Page - Diodes Incorporated DMN95H2D2HCTI Datasheet HTML 4Page - Diodes Incorporated DMN95H2D2HCTI Datasheet HTML 5Page - Diodes Incorporated DMN95H2D2HCTI Datasheet HTML 6Page - Diodes Incorporated DMN95H2D2HCTI Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DMN95H2D2HCTI
Document number: DS39275 Rev. 2 - 2
2 of 7
www.diodes.com
June 2017
© Diodes Incorporated
DMN95H2D2HCTI
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
950
V
Gate-Source Voltage
VGSS
±30
V
Continuous Drain Current (Note 5)
VGS = 10V
TC = +25°C
TC = +100°C
ID
6
4
A
Pulsed Drain Current (Note 6)
IDM
24
A
L = 60mH
IAS
3.5
A
L = 60mH
EAS
360
mJ
Thermal Characteristics
Characteristic
Symbol
Max
Unit
Power Dissipation (Note 5)
TC = +25°C
TC = +100°C
PD
40
14
W
Thermal Resistance, Junction to Case (Note 5)
TC = +25°C
RθJC
3.6
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 8)
Drain-Source Breakdown Voltage
BVDSS
950
V
VGS = 0V, ID = 250µA
Zero Gate Voltage Drain Current
IDSS
1
µA
VDS = 950V, VGS = 0V
Gate-Source Leakage
IGSS
100
nA
VGS = ±30V, VDS = 0V
ON CHARACTERISTICS (Note 8)
Gate Threshold Voltage
VGS(TH)
3
4
5
V
VDS = VGS, ID = 250µA
Static Drain-Source On-Resistance
RDS(ON)
1.7
2.2
Ω
VGS = 10V, ID = 3A
Diode Forward Voltage
VSD
0.85
1.2
V
VGS = 0V, IS = 6A
DYNAMIC CHARACTERISTICS (Note 7)
Input Capacitance
Ciss
1487
pF
VDS = 25V, f = 1MHz,
VGS = 0V
Output Capacitance
Coss
113
Reverse Transfer Capacitance
Crss
1
Gate Resistance
Rg

4.7

Ω
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge
Qg

20.3

nC
VDD = 720V, ID = 6A,
VGS = 10V
Gate-Source Charge
Qgs
6.4
Gate-Drain Charge
Qgd
6.1
Turn-On Delay Time
tD(ON)
39
ns
VDD = 450V, VGS = 10V,
Rg = 25Ω, ID = 6A
Turn-On Rise Time
tR
Turn-Off Delay Time
tD(OFF)
Turn-Off Fall Time
tF


Body Diode Reverse Recovery Time
tRR
607
ns
IF = 6A, dI/dt = 100A/μs
Body Diode Reverse Recovery Charge
QRR


C
Notes:
5. Device mounted on infinite heatsink.
6. Device mounted on FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout.
7. Guaranteed by design. Not subject to production testing.
8. Short duration pulse test used to minimize self-heating effect.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com