Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECG006B-PCB Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # ECG006B-PCB
Description  InGaP HBT Gain Block
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ECG006B-PCB Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  ECG006B-PCB Datasheet HTML 1Page - List of Unclassifed Manufacturers ECG006B-PCB Datasheet HTML 2Page - List of Unclassifed Manufacturers ECG006B-PCB Datasheet HTML 3Page - List of Unclassifed Manufacturers ECG006B-PCB Datasheet HTML 4Page - List of Unclassifed Manufacturers ECG006B-PCB Datasheet HTML 5Page - List of Unclassifed Manufacturers ECG006B-PCB Datasheet HTML 6Page - List of Unclassifed Manufacturers ECG006B-PCB Datasheet HTML 7Page - List of Unclassifed Manufacturers ECG006B-PCB Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
Phone 1-800-WJ1-4401 FAX: 408-577-6621
e-mail: sales@wj.com
Web site: www.wj.com
December 2004 Rev 1
ECG006
InGaP HBT Gain Block
Product Information
The Communications Edge TM
ECG006C (SOT-86 Package) Mechanical Information
Outline Drawing
Land Pattern
Product Marking
The component will be marked with a two-
digit numeric lot code followed by an “ N”
designator on the top surface of the
package.
Tape and reel specifications for this part are
located on the website in the “ Application
Notes” section.
MSL / ESD Rating
ESD Rating: Class 1A
Value:
Passes between 250 and 500V
Test:
Human Body Model (HBM)
Standard:
JEDEC Standard JESD22-A114
MSL Rating: Level 1 at +235 C convection reflow
Standard:
JEDEC Standard J-STD-020
Mounting Config. Notes
1. Ground / thermal vias are critical for the proper
performance of this device.
Vias should use
a .35mm (#80 / .0135” ) diameter drill and have a
final plated thru diameter of .25 mm (.010” ).
2. Add as much copper as possible to inner and outer
layers near the part to ensure optimal thermal
performance.
3. Mounting screws can be added near the part to fasten
the board to a heatsink. Ensure that the ground /
thermal via region contacts the heatsink.
4. Do not put solder mask on the backside of the PC
board in the region where the board contacts the
heatsink.
5. RF trace width depends upon the PC board material
and construction.
6. Use 1 oz. Copper minimum.
7. All dimensions are in millimeters (inches). Angles
are in degrees.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com