Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54585P Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # M54585P
Description  8-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M54585P Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  M54585P Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M54585P Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M54585P Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M54585P Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Aug. 1999
MITSUBISHI SEMICONDUCTOR <TRANSISTOR ARRAY>
M54585P/FP
8-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
ABSOLUTE MAXIMUM RATINGS (Unless otherwise noted, Ta = –20 ~ +75
°C)
50
—
—
—
—
—
—
1000
—
1.3
1.0
0.95
8.7
1.5
—
2500
—
2.4
1.6
1.8
18
2.4
100
—
V
V
µA
—
V
mA
VCE (sat)
II
V
mA
V
mA
V
W
°C
°C
–0.5 ~ +50
500
–0.5 ~ +30
500
50
1.79(P)/1.10(FP)
–20 ~ +75
–55 ~ +125
V
V
VO
VIL
Parameter
—
—
—
—
0
3.85
3.4
0
50
0.6
Limits
Symbol
Unit
IC
VIH
0
0
—
—
400
200
30
mA
V
Symbol
Unit
Parameter
Test conditions
Limits
min
typ+
max
+ : The typical values are those measured under ambient temperature (Ta) of 25
°C. There is no guarantee that these values are obtained under any
conditions.
ns
ns
ton
toff
—
—
12
240
—
—
Symbol
Unit
Parameter
Test conditions
Limits
min
typ
max
VCEO
IC
VI
IF
VR
Pd
Topr
Tstg
Ratings
Unit
Symbol
Parameter
Conditions
Collector-emitter voltage
Collector current
Input voltage
Clamping diode forward current
Clamping diode reverse voltage
Power dissipation
Operating temperature
Storage temperature
Output, H
Current per circuit output, L
Ta = 25
°C, when mounted on board
RECOMMENDED OPERATING CONDITIONS (Unless otherwise noted, Ta = –20 ~ +75
°C)
min
typ
max
Output voltage
Duty Cycle
P : no more than 6%
FP : no more than 4%
IC
≤ 400mA
IC
≤ 200mA
“H” input voltage
“L” input voltage
Collector current
(Current per 1 cir-
cuit when 8 circuits
are coming on si-
multaneously)
Duty Cycle
P : no more than 34%
FP : no more than 20%
ELECTRICAL CHARACTERISTICS (Unless otherwise noted, Ta = –20 ~ +75
°C)
V (BR) CEO
VF
IR
hFE
ICEO = 100
µA
VI = 3.85V, IC = 400mA
VI = 3.4V, IC = 200mA
VI = 3.85V
VI = 25V
IF = 400mA
VR = 50V
VCE = 4V, IC = 350mA, Ta = 25
°C
Collector-emitter breakdown voltage
Clamping diode forward voltage
Clamping diode reverse current
DC amplification factor
Collector-emitter saturation voltage
Input current
SWITCHING CHARACTERISTICS (Unless otherwise noted, Ta = 25
°C)
Turn-on time
Turn-off time
CL = 15pF (note 1)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com