Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDA5-1F4 Datasheet(PDF) 3 Page - STMicroelectronics

Part # ESDA5-1F4
Description  Low clamping single line unidirectional ESD
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA5-1F4 Datasheet(HTML) 3 Page - STMicroelectronics

  ESDA5-1F4 Datasheet HTML 1Page - STMicroelectronics ESDA5-1F4 Datasheet HTML 2Page - STMicroelectronics ESDA5-1F4 Datasheet HTML 3Page - STMicroelectronics ESDA5-1F4 Datasheet HTML 4Page - STMicroelectronics ESDA5-1F4 Datasheet HTML 5Page - STMicroelectronics ESDA5-1F4 Datasheet HTML 6Page - STMicroelectronics ESDA5-1F4 Datasheet HTML 7Page - STMicroelectronics ESDA5-1F4 Datasheet HTML 8Page - STMicroelectronics ESDA5-1F4 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ESDA5-1F4
Characteristics
DocID030582 Rev 1
3/9
1.1
Characteristics (curves)
Figure 3: Variation of leakage current versus
junction temperature (typical values)
Figure 4: Junction capacitance versus frequency
(typical values)
Figure 5: ESD response to IEC61000-4-2
(+8 kV contact discharge)
Figure 6: ESD response to IEC61000-4-2
(-8 kV contact discharge).
Figure 7: Dynamic resistance (TLP conditions)
Figure 8: S21 attenuation measurement result
0
10
20
30
40
50
60
70
80
90
100
25
50
75
100
125
150
Tj(°C)
IR(nA)
VR = VRM = 5.5 V
C (pF)
0
20
40
60
80
100
120
140
0
1
2
3
4
5
Tj = 25 °C
F = 1 MHz
VOSC = 30 mV
( V )
VR
300k
1M
3M
10M
30M
100M 300M
1G
3G
-40
-35
-30
-25
-20
-15
-10
-5
0
dB
Piece 1
piece 2
F(Hz)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com