Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDAXLC5-1U2 Datasheet(PDF) 3 Page - STMicroelectronics

Part # ESDAXLC5-1U2
Description  Low clamping, single-line unidirectional ESD protection for high speed interface
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDAXLC5-1U2 Datasheet(HTML) 3 Page - STMicroelectronics

  ESDAXLC5-1U2 Datasheet HTML 1Page - STMicroelectronics ESDAXLC5-1U2 Datasheet HTML 2Page - STMicroelectronics ESDAXLC5-1U2 Datasheet HTML 3Page - STMicroelectronics ESDAXLC5-1U2 Datasheet HTML 4Page - STMicroelectronics ESDAXLC5-1U2 Datasheet HTML 5Page - STMicroelectronics ESDAXLC5-1U2 Datasheet HTML 6Page - STMicroelectronics ESDAXLC5-1U2 Datasheet HTML 7Page - STMicroelectronics ESDAXLC5-1U2 Datasheet HTML 8Page - STMicroelectronics ESDAXLC5-1U2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
DocID028771 Rev 1
3/12
ESDAXLC5-1U2
Characteristics
12
Table 2. Electrical characteristics (values, Tamb = 25 °C)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VBR
Breakdown voltage
IR = 1 mA
5
6.6
V
VRM
Reverse working voltage
3.6
V
IRM
Leakage current
VRM = 3.6 V
4100
nA
Cline
Line capacitance
F = (200 MHz- 3000 MHz), VLINE = 0 V
0.55
0.7
pF
VCL
Reverse clamping voltage
IPP = 1 A, 8/20 µs
7
V
IPP = 2.2 A, 8/20 µs
8
IEC 61000-4-2, 8 kV contact measured at
30 ns
10.4
TLP measurement (pulse duration 100 ns),
IPP = 16 A(1)
13.7
Rd
Dynamic resistance(1)
Pulse duration 100 ns(1)
Direct
0.39
Ω
Forward
0.52
VFCL
Forward clamping voltage
IPP = 1 A, 8/20 µs
2.5
V
IPP = 2.2 A, 8/20 µs
4.0
TLP measurement (pulse duration 100 ns),
IPP = 16 A(1)
10.4
FC
Cut-off frequency
-3 dB
11.4
GHz
1. More information is available in ST application note: AN4022



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com