Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRTBGRTG Datasheet(PDF) 21 Page - OSRAM GmbH

Part # LRTBGRTG
Description  DISPLIX Blackprint
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LRTBGRTG Datasheet(HTML) 21 Page - OSRAM GmbH

Back Button LRTBGRTG Datasheet HTML 17Page - OSRAM GmbH LRTBGRTG Datasheet HTML 18Page - OSRAM GmbH LRTBGRTG Datasheet HTML 19Page - OSRAM GmbH LRTBGRTG Datasheet HTML 20Page - OSRAM GmbH LRTBGRTG Datasheet HTML 21Page - OSRAM GmbH LRTBGRTG Datasheet HTML 22Page - OSRAM GmbH LRTBGRTG Datasheet HTML 23Page - OSRAM GmbH LRTBGRTG Datasheet HTML 24Page - OSRAM GmbH LRTBGRTG Datasheet HTML 25Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
LRTB GRTG
2015-06-30
21
Barcode-Produkt-Etikett (BPL)
Barcode-Product-Label (BPL)
Gurtverpackung
Tape and Reel
Tape dimensions in mm (inch)
W
P
0
P
1
P
2
D
0
E
F
4
± 0.1
(0.157
± 0.004)
8
± 0.1
(0.315
± 0.004)
2
± 0.05
(0.079
± 0.002)
1.5
+ 0.1
(0.059
+ 0.004)
1.75
± 0.1
(0.069
± 0.004)
5.5
± 0.05
(0.217
± 0.002)
Reel dimensions in mm (inch)
A
W
Nmin
W1
W2 max
330 (13)
12 (0.472)
60 (2.362)
12.4 + 2 (0.488
+ 0.079)
18.4 (0.724)
OHA04614
(G) GROUP:
1234567890
(1T) LOT NO:
(9D) D/C:
1016
(X) PROD NO:
11055131
(6P) BATCH NO:
1004109518
LRTBGRTG
DISPLIX
RoHS Compliant
BIN1: UJ-1
BIN2: AN-2
BIN3: TG-4
ML
4
Temp
ST
260 °C
R
Pack: R33
DEMY
031
B_R999_1011.1241_R
4000
(Q)QTY:
Semiconductors
OSRAM Opto
UJ-1+AN-2+TG-4
S
ampl
e
S
ampl
e
S
ampl
e
S
ampl
e
S
ampl
e
S
ampl
e
S
ampl
e
S
ampl
e
S
ampl
e
S
ampl
e
S
ampl
e
S
ampl
e
S
ampl
e
S
ampl
e
S
ampl
e
S
ampl
e
S
ampl
e
S
ampl
e
S
ampl
e
S
ampl
e
S
ampl
e
S
ampl
e
S
ampl
e
S
ampl
e
S
ampl
e
S
ampl
e
S
ampl
e
S
ampl
e
S
ampl
e
S
ampl
e
S
ampl
e
S
ampl
e
S
ampl
e
S
ampl
e
S
ampl
e
S
ampl
e
S
ampl
e
S
ampl
e
S
ampl
e
S
ampl
e
S
ampl
e
S
ampl
e
S
ampl
e
S
ampl
e
S
ampl
e
S
ampl
e
S
ampl
e
S
ampl
e
S
ampl
e
S
ampl
e
S
ampl
e
S
ampl
e
S
ampl
e
S
ampl
e
S
ampl
e
S
ampl
e
S
ampl
e
S
ampl
e
S
ampl
e
S
ampl
e
S
ampl
e
S
ampl
e
S
ampl
e
S
ampl
e
S
ampl
e
S
ampl
e
S
ampl
e
S
ampl
e
S
ampl
e
S
ampl
e
S
ampl
e
S
ampl
e
S
ampl
e
S
ampl
e
S
ampl
e
S
ampl
e
S
ampl
e
S
ampl
e
S
ampl
e
S
ampl
e
S
ampl
e
S
ampl
e
S
ampl
e
S
ampl
e
(9D) D/C:
(9D) D/C:
1016
1016
(X) PROD NO:
(X) PROD NO:
11055131
11055131
BIN3: TG-4
BIN3: TG-4
ML
ML
4
4
Temp
ST
Temp
ST
260 °C
D0
2
P
P0
1
P
Direction of unreeling
W1
2
W
OHAY0324
Label
Leader:
Trailer:
Direction of unreeling
min. 160 mm *
min. 400 mm *
*) Dimensions acc. to IEC 60286-3; EIA 481-D
12+ 0.3
– 0.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com