Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRVH9F Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LRVH9F
Description  FIREFLY
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LRVH9F Datasheet(HTML) 1 Page - OSRAM GmbH

  LRVH9F Datasheet HTML 1Page - OSRAM GmbH LRVH9F Datasheet HTML 2Page - OSRAM GmbH LRVH9F Datasheet HTML 3Page - OSRAM GmbH LRVH9F Datasheet HTML 4Page - OSRAM GmbH LRVH9F Datasheet HTML 5Page - OSRAM GmbH LRVH9F Datasheet HTML 6Page - OSRAM GmbH LRVH9F Datasheet HTML 7Page - OSRAM GmbH LRVH9F Datasheet HTML 8Page - OSRAM GmbH LRVH9F Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
2013-07-18
1
2013-07-18
FIREFLY
Datasheet
Version 1.2
LR VH9F
The FIREFLY is designed for use in consumer
applications. Due to its low height and optical
characteristics it is optimized for flat indirect
backlighting of switches.
Die FIREFLY wurde für den Einsatz in Consumer
Anwendungen entwickelt. Aufgrund ihrer geringen
Bauteilhöhe und optischen Eigenschaften ist sie
optimiert für flache indirekte Hinterleuchtung von
Schaltern.
Features:
Besondere Merkmale:
• Package: SMT package, standard SMT footprint
0402, colorless diffused resin
• Gehäusetyp: SMT Gehäuse, standard SMT
footprint 0402, farbloser diffuser Verguss
• Technology: InGaAlP Thinfilm
• Technologie: InGaAlP Thinfilm
• Viewing angle at 50 % IV: 140° (horizontal); 165°
(vertical)
• Abstrahlwinkel bei 50 % IV: 140° (horizontal);
165° (vertical)
• Color: red (625 nm)
• Farbe: rot (625 nm)
• Optical efficiency (typ.): 38 lm/W (red)
• Optischer Wirkungsgrad (typ.): 38 lm/W (rot)
Applications
Anwendungen
• Backlighting
• Hinterleuchtung
• Toys
• Spielsachen
• Signal and Symbol Luminary
• Signal- und Symbolleuchten


Similar Part No. - LRVH9F

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LRVH9F OSRAM-LRVH9F Datasheet
1Mb / 21P
Gaming, Amusement, Gambling
LRVH9F-P2R1-1 OSRAM-LRVH9F-P2R1-1 Datasheet
684Kb / 21P
Signal and Symbol Luminary
LRVH9F-P2R1-1 OSRAM-LRVH9F-P2R1-1 Datasheet
1Mb / 21P
Gaming, Amusement, Gambling
LRVH9F OSRAM-LRVH9F_18 Datasheet
1Mb / 21P
Gaming, Amusement, Gambling
More results

Similar Description - LRVH9F

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LWV18G OSRAM-LWV18G Datasheet
604Kb / 16P
FIREFLY White Hyper-Bright LED
LTVH9G OSRAM-LTVH9G Datasheet
694Kb / 21P
FIREFLY 0402
CTDELSS1.12 OSRAM-CTDELSS1.12 Datasheet
694Kb / 22P
FIREFLY E1608
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com