Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1669CS5 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1669CS5
Description  10-Bit Rail-to-Rail Micropower DAC with I2C Interface
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1669CS5 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1669CS5 Datasheet HTML 4Page - Linear Technology LTC1669CS5 Datasheet HTML 5Page - Linear Technology LTC1669CS5 Datasheet HTML 6Page - Linear Technology LTC1669CS5 Datasheet HTML 7Page - Linear Technology LTC1669CS5 Datasheet HTML 8Page - Linear Technology LTC1669CS5 Datasheet HTML 9Page - Linear Technology LTC1669CS5 Datasheet HTML 10Page - Linear Technology LTC1669CS5 Datasheet HTML 11Page - Linear Technology LTC1669CS5 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
LTC1669
1669f
APPLICATIONS INFORMATION
1669 F01
INPUT CODE
(b)
OUTPUT
VOLTAGE
NEGATIVE
OFFSET
0V
512
0
1023
INPUT CODE
OUTPUT
VOLTAGE
(a)
VREF = VCC
VREF = VCC
(c)
INPUT CODE
OUTPUT
VOLTAGE
POSITIVE
FSE
Figure 1. Effects of Rail-to-Rail Operation On a DAC Transfer Curve. (a) Overall Transfer Function (b) Effect of Negative
Offset for Codes Near Zero Scale (c) Effect of Positive Full-Scale Error for Input Codes Near Full Scale When VREF = VCC
IN
0.1
µF
1
5 (4)
1 (1)
2
4 (5)
2 (7)
LTC1669 PIN NUMBERS IN PARENTHESES
REFER TO MSOP PACKAGE
3 (8)
3
3.9V TO 20V
3V
OUT
TO
µP
SCL
1669 F02
VCC
GND
SDA
OUT
LTC1669
0V
≤ VOUT ≤ 3V
GND
LT1460S3-3
0.01
µF
+
Figure 2. LT1460 As Power Supply for the LTC1669



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com