Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1840 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1840
Description  Dual Fan Controller with 2-Wire Interface
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1840 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1840 Datasheet HTML 2Page - Linear Technology LTC1840 Datasheet HTML 3Page - Linear Technology LTC1840 Datasheet HTML 4Page - Linear Technology LTC1840 Datasheet HTML 5Page - Linear Technology LTC1840 Datasheet HTML 6Page - Linear Technology LTC1840 Datasheet HTML 7Page - Linear Technology LTC1840 Datasheet HTML 8Page - Linear Technology LTC1840 Datasheet HTML 9Page - Linear Technology LTC1840 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
LTC1840
6
1840f
BLOCK DIAGRA
tLOW
tHIGH
tsu, DAT
tsu,STO
tsu,STA
tBUF
thD,STA
thD,DAT
thD,STA
tr
tf
START
CONDITION
STOP
CONDITION
REPEATED START
CONDITION
START
CONDITION
1840 TD01
SDA
SCL
TI I G DIAGRA
8-BIT
IDACs
GPI/O
INTERFACE
8-BIT
COUNTER
8-BIT
COUNTER
FAULT
DETECT
REF
OSC
÷ 2, 4,
8, 16
15
1
2
3
4
14
5
13
10
11
12
9
7
6
IDACOUTA IDACOUTB
FAULT
BLAST
GPIO1
GPIO2
GPIO3
GPIO4
TACHB
TACHA
SCL
SDA
A1
A0
SERIAL
INTERFACE
1840 BD
8
GND
II
PI FU CTIO S
BLAST (Pin 13): Blast/Timer Function Input. This is a
multifunction digital input pin that controls blast and timer
operation. If this pin is in a logic high state at power-up or
is transitioned from high to low, it will “blast” the current
DAC outputs to full scale (100
µA) no matter what their
previous state was and set a fault condition. In addition, if
BLAST is in a logic high state, the serial access timer is
active; this circuit measures time between serial commu-
nications to the LTC1840 and forces a blast and trips a fault
if the part hasn’t been accessed for about 1.5 minutes. This
pin has a 1V logic threshold.
IDACOUTB (Pin 14): Current DAC Output B. This is a high
impedance output with a sinking current output of 0
µA to
100
µA. This current can be programmed to one of 256
values through the serial interface or it can be “blasted”
immediately to full scale using the BLAST pin or by the
serial access timer if it is enabled and the LTC1840 is not
accessed for about 1.5 minutes. This pin will maintain the
programmed current to a very tight tolerance from as low
as 1.1V to at least 0.75V above VCC. The current DAC is
guaranteed to be monotonic over its full 8-bit range.
IDACOUTA (Pin 15): Current DAC Output A. See IDACOUTB
VCC (Pin 16): Positive Supply. This pin must be closely
decoupled to ground (pin 8). A 10
µF tantalum and a 0.1µF
ceramic capacitor in parallel are recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com