Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6915 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC6915
Description  Zero Drift, Precision Instrumentation Amplifier with Digitally Programmable Gain
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6915 Datasheet(HTML) 2 Page - Linear Technology

  LTC6915 Datasheet HTML 1Page - Linear Technology LTC6915 Datasheet HTML 2Page - Linear Technology LTC6915 Datasheet HTML 3Page - Linear Technology LTC6915 Datasheet HTML 4Page - Linear Technology LTC6915 Datasheet HTML 5Page - Linear Technology LTC6915 Datasheet HTML 6Page - Linear Technology LTC6915 Datasheet HTML 7Page - Linear Technology LTC6915 Datasheet HTML 8Page - Linear Technology LTC6915 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC6915
2
6915f
Total Supply Voltage (V+ to V–) ............................... 11V
Input Current ......................................................
±10mA
|VIN+ – VREF| ....................................................... 5.5V
|VIN– – VREF| ....................................................... 5.5V
|V+ – VDGND| ....................................................... 5.5V
|VDGND – V–| ....................................................... 5.5V
Digital Input Voltage ......................................... V– to V+
Operating Temperature Range
LTC6915C .............................................–0
°C to 70°C
ORDER PART
NUMBER
DFN PART
MARKING
TJMAX = 125°C, θJA = 160°C/W
6915
6915I
LTC6915CDE
LTC6915IDE
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C.
Consult LTC Marketing for parts specified with wider operating temperature ranges.
LTC6915I .............................................–40
°C to 85°C
LTC6915H .........................................–40
°C to 125°C
Junction Temperature
(GN Package) ................................................... 150
°C
(DFN Package).................................................. 125
°C
Storage Temperature
(GN Package) ....................................–65
°C to 150°C
(DFN Package)...................................–65
°C to 125°C
Lead Temperature (Soldering 10 sec)................... 300
°C
ORDER PART
NUMBER
GN PART
MARKING
6915
6915I
6915H
LTC6915CGN
LTC6915IGN
LTC6915HGN
TJMAX = 150°C, θJA = 135°C/W
12
11
10
9
8
7
1
2
3
4
5
6
V+
OUT
REF
PARALLEL_SERIAL
DGND
DOUT(D3)
IN–
IN+
V–
CS(D0)
DIN(D1)
CLK(D2)
TOP VIEW
DE12 PACKAGE
12-LEAD (4mm
× 3mm) PLASTIC DFN
UNDERSIDE METAL CONNECTED TO V–
TOP VIEW
GN PACKAGE
16-LEAD NARROW PLASTIC SSOP
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
SHDN
IN–
IN+
V–
HOLD_THRU
CS(D0)
DIN(D1)
CLK(D2)
V+
OUT
SENSE
REF
NC
PARALLEL_SERIAL
DGND
DOUT(D3)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
V+ = 3V, V– = 0V, VREF = 200 mV
Gain Error (Note 2)
AV = 1 (RL =10k)
q
–0.075
0
0.075
%
Gain Error (Note 2)
AV = 2 to 32 (RL = 10k)
q
–0.5
0
0.5
%
Gain Error (Note 2)
AV = 64 to 1024 (RL = 10k)
q
–0.6
–0.1
0.6
%
Gain Error (Note 2)
AV = 2048, 4096 (RL = 10k)
q
–1
–0.2
1.0
%
Gain Nonlinearity
AV = 1
q
3
15
ppm
VOS
Input Offset Voltage (Note 3)
VCM = 200mV
–3
±10
µV
Average Input Offset Drift (Note 3)
TA = –40°C to 85°C
q
±50
nV/
°C
TA = 85°C to 125°C
q
±100
nV/
°C
IB
Average Input Bias Current (Note 4)
VCM = 1.2V
q
510
nA
IOS
Average Input Offset Current (Note 4)
VCM = 1.2V
q
1.5
3
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com