Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA2SP01 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # MA2SP01
Description  Silicon epitaxial planar type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MA2SP01 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  MA2SP01 Datasheet HTML 1Page - Panasonic Semiconductor MA2SP01 Datasheet HTML 2Page - Panasonic Semiconductor MA2SP01 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MA2SP01
2
SKL00010AED
IF  VF
IR  VR
Ct  VR
rf  IF
10−2
0
0.2
0.4
0.6
0.8
1.0
1.2
10−1
1
10
102
103
Forward voltage V
F (V)
Ta = 150°C
−20°C
25
°C
100
°C
10−4
020
30
50
60
10
40
10−3
10−2
10−1
1
10
102
103
Reverse voltage V
R (V)
Ta = 150°C
25
°C
100
°C
0
0
0.2
0.4
0.6
1
0.7
0.8
0.9
0.5
0.3
0.1
20
40
10
30
50
60
Reverse voltage V
R (V)
f
= 1 MHz
T
a = 25°C
10−1
0.01
1
10
102
103
0.1
1
10
Forward current I
F (mA)
f
= 100 MHz
Ta = 25°C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com