Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTCTZ Datasheet(PDF) 1 Page - Vishay Siliconix

Part # PTCTZ
Description  SMD PTC Thermistors For Overload Protection
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PTCTZ Datasheet(HTML) 1 Page - Vishay Siliconix

  PTCTZ Datasheet HTML 1Page - Vishay Siliconix PTCTZ Datasheet HTML 2Page - Vishay Siliconix PTCTZ Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PTCTZ
www.vishay.com
Vishay BCcomponents
Revision: 27-Nov-15
1
Document Number: 29068
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SMD PTC Thermistors For Overload Protection
Note
(1) Customized products are available on request in the indicated
nominal
R25 range. Larger 8 mm ceramics for lower resistance
values or higher voltages are in use in the PTCCZ08 series.
FEATURES
• Compact resettable overload protection
• Low mounting height
• Suitable for reflow soldering
• Small ceramic diameter for faster response
• Low heat transfer to substrate
• Flat terminations for stable positioning and good
solderability
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
Over-temperature/over-load protection:
• Telecom
-Central Office Switching (C.O.)
-Subscriber Terminal Equipment (T.E.)
-Set-top Box
-Modems
• General industry and automotive
-Low power overload protection
-Inrush current limitation
DESCRIPTION
The component consists of a high performance PTC
ceramic mounted in a lead frame with lead (Pb)-free tin
plated contacts. The terminations are joined to the Ag plated
ceramic by a high melting solder. The ceramic is covered
with a protective high temperature silicone layer.
MARKING
• All SMD PTCs are marked with a 3-digit type number
(XXX) and a date code (YYWW)
Note
(2) These types pass ITU-K20-21-45 telecommunication protection recommendation
QUICK REFERENCE DATA
PARAMETER
VALUE
UNIT
STANDARD
TYPES (1)
TELECOM
TYPES (1)
Resistance value at 25 °C
2 to 500
10 to 70
Ω
Tolerance on
R25 value
± 10; ± 15; ± 20
%
Maximum overload current
Iol (Vmax. dependent)
2 to 10
A
Maximum holding current
(Int)
50 to 500
(at 25 °C)
50 to 100
(at 70 °C)
Maximum voltage
(RMS or DC)
16 to 400
220 to 600
VRMS
Maximum trip time at 1 A
0.8 to 6
s
Switching temperature
(Tsw)
105 to 140
°C
Operating temperature
range at max. voltage
-40 to 85
Storage temperature
-40 to 155
Maximum continuous
power at 25 °C
2W
ELECTRICAL DATA AND ORDERING INFORMATION
RESISTANCE
MATCHING
(
Ω)
Vmax.
(V)
Int at
It at
MAX.
TRIP-TIME
at 1 A (s)
MAX.
Iol at
Vmax.
(A)
Tsw
OPERATING
TEMP.
RANGE
AT MAX.
VOLTAGE
STORAGE
TEMP.
RANGE
CATALOG NUMBER
R25
(
Ω)
TOL.
(%)
25
°C
(mA)
70
°C
(mA)
25
°C
(mA)
SAP ORDERING
CODE
TYPE NR
MARKING
TELECOM AND INDUSTRIAL TYPES
10
20
-
245
165
100
270
3.0
2.0
105
0 to 70
-25 to 125 PTCTZ3NR100GTT (2)
012
10
20
0.5 
245
165
100
270
3.0
2.0
105
0 to 70
-25 to 125 PTCTZ3MR100GTT (2)
016
40
25
no
265
80
50
130
0.8
2.0
105
0 to 70
-25 to 125
PTCTZ3NR400HTT
002
25
20
1 
265
120
70
220
1.3
2.0
110
0 to 70
-25 to 125 PTCTZ3MR250HTT (2)
005
15 to 20
-
-
300
150
100
250
1.5
1.5
115
0 to 70
-25 to 125 PTCTZ3NR150KTT (2)
004
15 to 20
-
0.5 
300
150
100
250
1.5
2.0
115
0 to 70
-25 to 125 PTCTZ3MR150KTT (2)
003
20
20
0.5 
300
120
70
250
1.4
1.5
105
0 to 70
-25 to 125 PTCTZ3MR200KTT (2)
018
35
+15 / -20
1 
425
110
70
175
1.0
0.7
125
-25 to 85
-40 to 155 PTCTZ3MR350MTT (2)
009
50
20
1 
425
90
60
150
0.8
0.7
125
-40 to 70
-40 to 125
PTCTZ3MR500MTT
019
GENERAL INDUSTRIAL TYPES
3.3
25
-
24
400
-
650
6.0
8.0
140
-40 to 85
-40 to 155
PTCTZ3NR339CTT
013
9.4
25
-
60
150
100
300
1.8
3.0
115
-40 to 85
-40 to 155
PTCTZ3NR949ETT
011


Similar Part No. - PTCTZ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PTCTZ VISHAY-PTCTZ Datasheet
80Kb / 3P
SMD PTC Thermistors For Overload Protection
27-Nov-15
PTCTZ3MR100GTT VISHAY-PTCTZ3MR100GTT Datasheet
80Kb / 3P
SMD PTC Thermistors For Overload Protection
27-Nov-15
PTCTZ3MR150KTT VISHAY-PTCTZ3MR150KTT Datasheet
80Kb / 3P
SMD PTC Thermistors For Overload Protection
27-Nov-15
PTCTZ3MR200KTT VISHAY-PTCTZ3MR200KTT Datasheet
80Kb / 3P
SMD PTC Thermistors For Overload Protection
27-Nov-15
PTCTZ3MR250HTT VISHAY-PTCTZ3MR250HTT Datasheet
80Kb / 3P
SMD PTC Thermistors For Overload Protection
27-Nov-15
More results

Similar Description - PTCTZ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
2322661 VISHAY-2322661 Datasheet
68Kb / 4P
PTC Thermistors, Overload Protection For Telecommunication
10-Oct-03
232266197 VISHAY-232266197 Datasheet
109Kb / 4P
Surface Mount PTC Thermistors For Overload Protection
10-Oct-03
232266093034 VISHAY-232266093034 Datasheet
52Kb / 2P
PTC Thermistors, Overload Protection For Instrumentation
10-Oct-03
PTCTL VISHAY-PTCTL Datasheet
118Kb / 4P
PTC Thermistors, Overload Protection for Telecommunication
13-Nov-15
PTCTT VISHAY-PTCTT Datasheet
122Kb / 5P
TWIN Vertical SMD PTC Thermistors For Telecom Overload Protection
03-Mar-14
232266.9 VISHAY-232266.9 Datasheet
75Kb / 4P
PTC Thermistors, Overload Protection For Telecommunication
10-Oct-03
238166197 VISHAY-238166197 Datasheet
96Kb / 3P
SMD PTC Thermistors For Overload Protection
27-Oct-09
PTCTL VISHAY-PTCTL_V01 Datasheet
106Kb / 4P
PTC Thermistors, Overload Protection for Telecommunication
13-Nov-15
PTCTT VISHAY-PTCTT_V01 Datasheet
121Kb / 5P
TWIN Vertical SMD PTC Thermistors For Telecom Overload Protection
03-Mar-14
PTCTZ VISHAY-PTCTZ_V01 Datasheet
80Kb / 3P
SMD PTC Thermistors For Overload Protection
27-Nov-15
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com