Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFPT Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TFPT
Description  SMD PTC - Nickel Thin Film Linear Thermistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TFPT Datasheet(HTML) 3 Page - Vishay Siliconix

  TFPT Datasheet HTML 1Page - Vishay Siliconix TFPT Datasheet HTML 2Page - Vishay Siliconix TFPT Datasheet HTML 3Page - Vishay Siliconix TFPT Datasheet HTML 4Page - Vishay Siliconix TFPT Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TFPT
www.vishay.com
Vishay
Revision: 30-Aug-16
3
Document Number: 33017
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RATIO FORMULA
RT = R25 x (9.0014 x 10-1 + 3.87235 x 10-3 (°C)-1 x T + 4.86825 x 10-6 (°C)-2 x T2 + 1.37559 x 10-9 (°C)-3 x T3)
T(°C) = 28.54 x (RT/R25)3 - 158.5 x (RT/R25)2 + 474.8 x (RT/R25) - 319.85)
RATIO TOLERANCE EXAMPLES:
At 40 °C, ratio = 1.063 ± 0.5 % (0.005)
so, ratio = 1.058 to 1.068
At 125 °C, ratio = 1.460 ± 3 % (0.044)
so, ratio = 1.416 to 1.504
AVERAGE RATIO R/R25 TFPT ALL SIZES AND VALUES
TEMP.
R/R25
TEMP.
R/R25
TEMP.
R/R25
TEMP.
R/R25
TEMP.
R/R25
TEMP.
R/R25
-20
0.825
20
0.980
60
1.150
100
1.337
140
1.541
-19
0.828
21
0.984
61
1.155
101
1.342
141
1.547
-18
0.832
22
0.988
62
1.159
102
1.347
142
1.552
-17
0.836
23
0.992
63
1.164
103
1.352
143
1.557
-16
0.839
24
0.996
64
1.168
104
1.357
144
1.563
-55
0.702
-15
0.843
25
1.000
65
1.173
105
1.362
145
1.568
-54
0.705
-14
0.847
26
1.004
66
1.177
106
1.367
146
1.574
-53
0.708
-13
0.851
27
1.008
67
1.182
107
1.372
147
1.579
-52
0.712
-12
0.854
28
1.012
68
1.186
108
1.377
148
1.584
-51
0.715
-11
0.858
29
1.017
69
1.191
109
1.382
149
1.590
-50
0.719
-10
0.862
30
1.021
70
1.196
110
1.387
150
1.595
-49
0.722
-9
0.866
31
1.025
71
1.200
111
1.392
-48
0.725
-8
0.869
32
1.029
72
1.205
112
1.397
-47
0.729
-7
0.873
33
1.033
73
1.209
113
1.402
-46
0.732
-6
0.877
34
1.037
74
1.214
114
1.407
-45
0.736
-5
0.881
35
1.042
75
1.219
115
1.412
-44
0.739
-4
0.885
36
1.046
76
1.223
116
1.417
-43
0.743
-3
0.889
37
1.050
77
1.228
117
1.422
-42
0.746
-2
0.892
38
1.054
78
1.232
118
1.427
-41
0.749
-1
0.896
39
1.059
79
1.237
119
1.432
-40
0.753
0
0.900
40
1.063
80
1.242
120
1.437
-39
0.756
1
0.904
41
1.067
81
1.246
121
1.442
-38
0.760
2
0.908
42
1.071
82
1.251
122
1.448
-37
0.763
3
0.912
43
1.076
83
1.256
123
1.453
-36
0.767
4
0.916
44
1.080
84
1.261
124
1.458
-35
0.771
5
0.920
45
1.084
85
1.265
125
1.463
-34
0.774
6
0.924
46
1.089
86
1.270
126
1.468
-33
0.778
7
0.927
47
1.093
87
1.275
127
1.473
-32
0.781
8
0.931
48
1.097
88
1.280
128
1.478
-31
0.785
9
0.935
49
1.102
89
1.284
129
1.484
-30
0.788
10
0.939
50
1.106
90
1.289
130
1.489
-29
0.792
11
0.943
51
1.110
91
1.294
131
1.494
-28
0.796
12
0.947
52
1.115
92
1.299
132
1.499
-27
0.799
13
0.951
53
1.119
93
1.303
133
1.505
-26
0.803
14
0.955
54
1.124
94
1.308
134
1.510
-25
0.806
15
0.959
55
1.128
95
1.313
135
1.515
-24
0.810
16
0.963
56
1.133
96
1.318
136
1.520
-23
0.814
17
0.967
57
1.137
97
1.323
137
1.526
-22
0.817
18
0.971
58
1.141
98
1.328
138
1.531
-21
0.821
19
0.975
59
1.146
99
1.333
139
1.536
RATIO TOLERANCES
LOW TEMP.
HIGH TEMP.
TOL.
-55 °C
+150 °C
± 4 %
-40 °C
+125 °C
± 3 %
-20 °C
+85 °C
± 2 %
0 °C
+55 °C
± 1 %
+12 °C
+40 °C
± 0.5 %



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com