Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TS4
Description  Cermet Trimmers, Surface Mount, 4.0 mm Square, Single Turn, Industrial Grade
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TS4 Datasheet(HTML) 3 Page - Vishay Siliconix

  TS4 Datasheet HTML 1Page - Vishay Siliconix TS4 Datasheet HTML 2Page - Vishay Siliconix TS4 Datasheet HTML 3Page - Vishay Siliconix TS4 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TS4
www.vishay.com
Vishay Sfernice
Revision: 24-Sep-15
3
Document Number: 51053
For technical questions, contact: sferpottrimmers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PART MARKING
- Manufacturers code
- Resistance code
- Date code
PACKAGING in millimeters (inches)
ORDERING INFORMATION (part number)
MODEL
STYLE
OHMIC VALUE
TOLERANCE
PACKAGING
SPECIAL
NUMBER
TS4
YJ
YL
From 10
 to 2 M
502 = 5 k
M = ± 20 %
R10 =
reel 500 pieces
(If applicable)
Given by
Vishay
for custom
design
DESCRIPTION (for information only)
TS4
YL
5K
20 %
TR
e3
MODEL
STYLE
VALUE
TOLERANCE
SPECIAL
PACKAGING
LEAD FINISH
RELATED DOCUMENTS
APPLICATION NOTES
Potentiometers and Trimmers
www.vishay.com/doc?51001
Guidelines for Vishay Sfernice Resistive and Inductive Components
www.vishay.com/doc?52029
Year
Month
Date code
Resistance
code
203
J5
TS4YJ, TS4YL
Tape
2.74 ± 0.100
(0.108 ± 0.004)
0.360 (0.014)
max.
5.52 ± 0.5
(0.217 ± 0.020)
1.75 ± 0.100
(0.069 ± 0.004)
2.00 ± 0.050
(0.079 ± 0.002)
4.00 ± 0.100
(0.157 ± 0.004)
1.50 + 0.100 - 0
(0.059 + 0.004 - 0)
5.26 ± 0.100 (YJ)
(0.207 ± 0.004)
6.45 ± 0.100 (YL)
(0.254 ± 0.004)
5.26 ± 0.100
(0.207 ± 0.004)
8.0 ± 0.200
(0.315 ± 0.008)
12.0 ± 0.300
(0.472 ± 0.012)
TS4YJ, TS4YL
Reel
500 pieces per 7" reel standard. Meets EIA Specifications 481.
13.0 ± 0.508
(0.512 ± 0.020)
dia.
1.78 ± 0.254
(0.070 ± 0.010)
equal spaced
3 places
21.01 ± 0.787
(0.827 ± 0.031)
dia.
2.67 ± 0.254
(0.105 ± 0.010)
59.18 ± 2.03
(2.33 ± 0.80)
12.4 + 2.01 - 0
(0.488 + 0.079 - 0)
177.8 ± 2.03
(7.0 ± 0.080)
dia.
10
50
M
2R
L
Y
TS
4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com