Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS63 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TS63
Description  Multi-Turn Surface Mount 1/4 Square Cermet Trimmers Fully Sealed
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TS63 Datasheet(HTML) 4 Page - Vishay Siliconix

  TS63 Datasheet HTML 1Page - Vishay Siliconix TS63 Datasheet HTML 2Page - Vishay Siliconix TS63 Datasheet HTML 3Page - Vishay Siliconix TS63 Datasheet HTML 4Page - Vishay Siliconix TS63 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TS63
www.vishay.com
Vishay Sfernice
Revision: 22-Sep-15
4
Document Number: 51011
For technical questions, contact: sferpottrimmers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PACKAGING in millimeters
- X, Y and Z types: on tape and reel (dia. 330 mm) of 500 pieces, code TR500
- On request in magazine pack by 50 pieces (Tube) code TU
ORDERING INFORMATION (part number)
MODEL
STYLE
OHMIC VALUE
TOLERANCE
PACKAGING
SPECIAL
NUMBER
TS63
X
Y
Z
From
10
 to 2 M
504 = 500 k
K = ± 10 %
On request
J = ± 5 %
R10 =
reel 500 pieces
On request
T20 =
tube 50 pieces
(If applicable)
Given by
Vishay
for custom
design
DESCRIPTION (for information only)
TS63
Y
500K
10 %
TR
e3
MODEL
STYLE
VALUE
TOLERANCE
SPECIAL
PACKAGING
LEAD FINISH
RELATED DOCUMENTS
APPLICATION NOTES
Potentiometers and Trimmers
www.vishay.com/doc?51001
Guidelines for Vishay Sfernice Resistive and Inductive Components
www.vishay.com/doc?52029
2
12
4
Ø 1.5
+ 0.1
- 0
1.8
16
6
0.3
Ø 1.5
Version X.Y
3
Ø 330
22.4
Ø 13
16
Ø 1.5
Ø 1.5
12
4
2
2
12° max.
6.05
7.06
0.3
Version Z
10
50
K
4R
Y
S6
3
T



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com