Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST12LF01 Datasheet(PDF) 13 Page - Silicon Storage Technology, Inc

Part # SST12LF01
Description  2.4 GHz Front-End Module
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST12LF01 Datasheet(HTML) 13 Page - Silicon Storage Technology, Inc

Back Button SST12LF01 Datasheet HTML 9Page - Silicon Storage Technology, Inc SST12LF01 Datasheet HTML 10Page - Silicon Storage Technology, Inc SST12LF01 Datasheet HTML 11Page - Silicon Storage Technology, Inc SST12LF01 Datasheet HTML 12Page - Silicon Storage Technology, Inc SST12LF01 Datasheet HTML 13Page - Silicon Storage Technology, Inc SST12LF01 Datasheet HTML 14Page - Silicon Storage Technology, Inc SST12LF01 Datasheet HTML 15Page - Silicon Storage Technology, Inc SST12LF01 Datasheet HTML 16Page - Silicon Storage Technology, Inc SST12LF01 Datasheet HTML 17Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
©2011 Silicon Storage Technology, Inc.
DS75040A
12/11
13
2.4 GHz Front-End Module
SST12LF01
Data Sheet
A Microchip Technology Company
Test Conditions: VCC = 3.3V, TA = 25°C, unless otherwise specified
Figure 8: S-Parameters, TX Chain
-12.00
-10.00
-8.00
-6.00
-4.00
-2.00
0.00
2.00
0.0
2.0
4.0
6.0
8.0
10.0
12.0
Frequency (GHz)
-60.00
-50.00
-40.00
-30.00
-20.00
-10.00
0.00
10.00
20.00
30.00
40.00
0.0
2.0
4.0
6.0
8.0
10.0
12.0
Frequency (GHz)
-100.00
-90.00
-80.00
-70.00
-60.00
-50.00
-40.00
-30.00
-20.00
-10.00
0.00
0.0
2.0
4.0
6.0
8.0
10.0
12.0
Frequency (GHz)
-9.00
-8.00
-7.00
-6.00
-5.00
-4.00
-3.00
-2.00
-1.00
0.00
0.0
2.0
4.0
6.0
8.0
10.0
12.0
Frequency (GHz)
1330 sparm2-1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com