Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LST67F Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LST67F
Description  TOPLED
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LST67F Datasheet(HTML) 1 Page - OSRAM GmbH

  LST67F Datasheet HTML 1Page - OSRAM GmbH LST67F Datasheet HTML 2Page - OSRAM GmbH LST67F Datasheet HTML 3Page - OSRAM GmbH LST67F Datasheet HTML 4Page - OSRAM GmbH LST67F Datasheet HTML 5Page - OSRAM GmbH LST67F Datasheet HTML 6Page - OSRAM GmbH LST67F Datasheet HTML 7Page - OSRAM GmbH LST67F Datasheet HTML 8Page - OSRAM GmbH LST67F Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
2013-10-08
1
2013-10-08
TOPLED
Datasheet
Version 1.0
LS T67F
First SMT LED with integrated reflector. With our great
experience on SMT LED we are able to offer a high
quality product for all kind of applications.
Erste SMT LED mit integrierten Reflektor. Mit unserer
großen Erfahrung auf dem Gebiet der SMT LEDs sind
wir in der Lage ein qualitativ hochwertiges Produkt für
alle Anwenundgen anzubieten.
Features:
Besondere Merkmale:
• Package: white PLCC-2 package, colorless clear
resin
• Gehäusetyp: weisses PLCC-2 Gehäuse,
farbloser klarer Verguss
• Technology: InGaAlP Thinfilm
• Technologie: InGaAlP Thinfilm
• Viewing angle at 50 % IV: 120° (Lambertian
Emitter)
• Abstrahlwinkel bei 50 % IV: 120° (Lambertscher
Strahler)
• Color: super red (633 nm)
• Farbe: super rot (633 nm)
• Corrosion Robustness: Improved corrosion
robustness
• Korrosionsstabilität: Verbesserte
Korrosionsstabilität
Applications
Anwendungen
• Traffic lights
• Ampelanlagen
• Backlighting
• Hinterleuchtung
• Automotive Lighting Interior and Exterior
• Automobilbeleuchtung innen und außen
• Signal and Symbol Luminary
• Signal- und Symbolleuchten


Similar Part No. - LST67F

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
LST67F-T2V2-1-1 TO-GRACE-LST67F-T2V2-1-1 Datasheet
767Kb / 8P
Power SMD LED PLCC-2
LST67F-T2V2-1-1 TO-GRACE-LST67F-T2V2-1-1 Datasheet
804Kb / 9P
Power SMD LED PLCC-2
logo
ams AG
LST67F.01 AMSCO-LST67F.01 Datasheet
1Mb / 22P
SMT LED with integrated reflector.
Version 1.3 2023-07-24
LST67F.01-U2AB-1-3A4B AMSCO-LST67F.01-U2AB-1-3A4B Datasheet
1Mb / 22P
SMT LED with integrated reflector.
Version 1.3 2023-07-24
LST67F.01-U2AB-68-3A4B AMSCO-LST67F.01-U2AB-68-3A4B Datasheet
1Mb / 22P
SMT LED with integrated reflector.
Version 1.3 2023-07-24
More results

Similar Description - LST67F

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LST670 SIEMENS-LST670 Datasheet
496Kb / 8P
TOPLED
logo
OSRAM GmbH
LG-T676-P1Q2-24-Z OSRAM-LG-T676-P1Q2-24-Z Datasheet
536Kb / 21P
TOPLED
LR-T68F-U1AA-1-1-Z OSRAM-LR-T68F-U1AA-1-1-Z Datasheet
480Kb / 21P
TOPLED
LS-T67F-T2V2-1-1-Z OSRAM-LS-T67F-T2V2-1-1-Z Datasheet
493Kb / 20P
TOPLED
LS-T676-R1S1-1-Z OSRAM-LS-T676-R1S1-1-Z Datasheet
476Kb / 19P
TOPLED
LW-T67C-S2V1-5K8L OSRAM-LW-T67C-S2V1-5K8L Datasheet
610Kb / 23P
TOPLED
LTT673 OSRAM-LTT673 Datasheet
479Kb / 22P
TOPLED
LST67B OSRAM-LST67B Datasheet
438Kb / 19P
TOPLED
LST67D OSRAM-LST67D Datasheet
756Kb / 20P
TOPLED
LWTVSG.CB OSRAM-LWTVSG.CB Datasheet
724Kb / 24P
TOPLED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com