Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LST670 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LST670
Description  TOPLED
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LST670 Datasheet(HTML) 1 Page - OSRAM GmbH

  LST670_13 Datasheet HTML 1Page - OSRAM GmbH LST670_13 Datasheet HTML 2Page - OSRAM GmbH LST670_13 Datasheet HTML 3Page - OSRAM GmbH LST670_13 Datasheet HTML 4Page - OSRAM GmbH LST670_13 Datasheet HTML 5Page - OSRAM GmbH LST670_13 Datasheet HTML 6Page - OSRAM GmbH LST670_13 Datasheet HTML 7Page - OSRAM GmbH LST670_13 Datasheet HTML 8Page - OSRAM GmbH LST670_13 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
2013-06-28
1
2013-06-28
TOPLED
Datasheet
Version 1.0 (Replacement in due course)
LS T670
TOPLED, SMT LED with integrated reflector. With our
great experience in SMT LED we are able to offer a
high quality product for all kind of applications.
TOPLED, SMT-LED mit integriertem Reflektor. Mit
unserer großen Erfahrung in SMT LED sind wir in der
Lage,ein qualitativ hochwertiges Produkt für alle Arten
von Anwendungen anzubieten.
Features:
Besondere Merkmale:
• Package: white PLCC-2 package, colorless clear
resin
• Gehäusetyp: weisses PLCC-2 Gehäuse,
farbloser klarer Verguss
• Technology: GaAsP
• Technologie: GaAsP
• Viewing angle at 50 % IV: 120° (Lambertian
Emitter)
• Abstrahlwinkel bei 50 % IV: 120° (Lambertscher
Strahler)
• Color: super red (628 nm)
• Farbe: super rot (628 nm)
• Corrosion Robustness: Improved corrosion
robustness
• Korrosionsstabilität: Verbesserte
Korrosionsstabilität
Applications
Anwendungen
• Optical Indicator
• Optischer Indikator
• Backlighting
• Hinterleuchtung
• Automotive Interior Lighting
• Automobilbeleuchtung innen
• Coupling into Light Guides
• Einkopplung in Lichtleiter
• Signal and Symbol Luminary
• Signal- und Symbolleuchten


Similar Part No. - LST670_13

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LST670-HK SIEMENS-LST670-HK Datasheet
496Kb / 8P
TOPLED
LST670-J SIEMENS-LST670-J Datasheet
496Kb / 8P
TOPLED
logo
HK TO-GRACE TECHNOLOGY ...
LST670-J1K2 TO-GRACE-LST670-J1K2 Datasheet
684Kb / 8P
Standard SMD LED PLCC-2
LST670-J1K2 TO-GRACE-LST670-J1K2 Datasheet
674Kb / 8P
High Intensity SMD LED PLCC-2
LST670-J1L2 TO-GRACE-LST670-J1L2 Datasheet
684Kb / 8P
Standard SMD LED PLCC-2
More results

Similar Description - LST670_13

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LST670 SIEMENS-LST670 Datasheet
496Kb / 8P
TOPLED
logo
OSRAM GmbH
LG-T676-P1Q2-24-Z OSRAM-LG-T676-P1Q2-24-Z Datasheet
536Kb / 21P
TOPLED
LR-T68F-U1AA-1-1-Z OSRAM-LR-T68F-U1AA-1-1-Z Datasheet
480Kb / 21P
TOPLED
LS-T67F-T2V2-1-1-Z OSRAM-LS-T67F-T2V2-1-1-Z Datasheet
493Kb / 20P
TOPLED
LW-T67C-S2V1-5K8L OSRAM-LW-T67C-S2V1-5K8L Datasheet
610Kb / 23P
TOPLED
LTT673 OSRAM-LTT673 Datasheet
479Kb / 22P
TOPLED
LST67B OSRAM-LST67B Datasheet
438Kb / 19P
TOPLED
LST67D OSRAM-LST67D Datasheet
756Kb / 20P
TOPLED
LST67F OSRAM-LST67F Datasheet
493Kb / 20P
TOPLED
LWTVSG.CB OSRAM-LWTVSG.CB Datasheet
724Kb / 24P
TOPLED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com