Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSY876 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LSY876
Description  Micro SIDELED 3010
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LSY876 Datasheet(HTML) 1 Page - OSRAM GmbH

  LSY876_14 Datasheet HTML 1Page - OSRAM GmbH LSY876_14 Datasheet HTML 2Page - OSRAM GmbH LSY876_14 Datasheet HTML 3Page - OSRAM GmbH LSY876_14 Datasheet HTML 4Page - OSRAM GmbH LSY876_14 Datasheet HTML 5Page - OSRAM GmbH LSY876_14 Datasheet HTML 6Page - OSRAM GmbH LSY876_14 Datasheet HTML 7Page - OSRAM GmbH LSY876_14 Datasheet HTML 8Page - OSRAM GmbH LSY876_14 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
2014-10-16
1
2014-10-16
Micro SIDELED 3010
Datasheet
Version 1.1
LS Y876
Micro SIDELED is a SMT LED with side emission. Due
to its low package height it is ideal for applications in
limited space environments.
Micro SIDELED ist eine SMT LED mit seitlicher
Abstrahlrichtung. Aufgrund ihrer niedrigen
Bauteilhöhe ist sie ideal für Anwendungen mit
begrenztem Raum.
Features:
Besondere Merkmale:
• Package: white SMT package, colorless clear
resin
Gehäusetyp: weißes SMT Gehäuse, farbloser
klarer Verguss
• Technology: InGaAlP
Technologie: InGaAlP
• Viewing angle at 50 % I
V: 120°
Abstrahlwinkel bei 50 % I
V: 120°
• Color: super red (633 nm)
Farbe: super rot (633 nm)
• Optical efficiency (typ.): 5 lm/W (super red)
Optischer Wirkungsgrad (typ.): 5 lm/W (super
rot)
• Corrosion Robustness: Improved corrosion
robustness
Korrosionsstabilität: Verbesserte
Korrosionsstabilität
Applications
Anwendungen
• Coupling into Light Guides
Einkopplung in Lichtleiter
• Backlighting
Hinterleuchtung
• Signal and Symbol Luminary
Signal- und Symbolleuchten
• Automotive Interior Lighting
Automobilbeleuchtung innen


Similar Part No. - LSY876_14

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LSY876-P2S1-1 OSRAM-LSY876-P2S1-1 Datasheet
501Kb / 20P
Micro SIDELED is a SMT LED with side emission
LSY876-P2S1-1 OSRAM-LSY876-P2S1-1 Datasheet
501Kb / 20P
Micro SIDELED 3010
More results

Similar Description - LSY876_14

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LS-Y876-Q2S1-1-Z OSRAM-LS-Y876-Q2S1-1-Z Datasheet
501Kb / 20P
Micro SIDELED 3010
LW-Y1SG-BFCF-EKFM OSRAM-LW-Y1SG-BFCF-EKFM Datasheet
551Kb / 22P
Micro SIDELED 2808
LW-Y87C-T1U1-3K8L OSRAM-LW-Y87C-T1U1-3K8L Datasheet
607Kb / 22P
Micro SIDELED 3010
LY-Y876-Q2T1-26-Z OSRAM-LY-Y876-Q2T1-26-Z Datasheet
504Kb / 20P
Micro SIDELED 3010
LBY8SG OSRAM-LBY8SG Datasheet
611Kb / 21P
Micro SIDELED
LTY8SG OSRAM-LTY8SG Datasheet
536Kb / 21P
Micro SIDELED 3010
LTY87S OSRAM-LTY87S_17 Datasheet
590Kb / 21P
Micro SIDELED 3010
LYY8SF OSRAM-LYY8SF Datasheet
981Kb / 22P
Micro SIDELED
LWY1SG OSRAM-LWY1SG_15 Datasheet
551Kb / 22P
Micro SIDELED 2808
LYY876 OSRAM-LYY876 Datasheet
504Kb / 20P
Micro SIDELED 3010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com