Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CX28331-3X Datasheet(PDF) 21 Page - Synaptics Incorporated.

Part # CX28331-3X
Description  Single/Dual/Triple E3/DS3/STS-1 Line Interface Unit
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

CX28331-3X Datasheet(HTML) 21 Page - Synaptics Incorporated.

Back Button CX28331-3X Datasheet HTML 17Page - Synaptics Incorporated. CX28331-3X Datasheet HTML 18Page - Synaptics Incorporated. CX28331-3X Datasheet HTML 19Page - Synaptics Incorporated. CX28331-3X Datasheet HTML 20Page - Synaptics Incorporated. CX28331-3X Datasheet HTML 21Page - Synaptics Incorporated. CX28331-3X Datasheet HTML 22Page - Synaptics Incorporated. CX28331-3X Datasheet HTML 23Page - Synaptics Incorporated. CX28331-3X Datasheet HTML 24Page - Synaptics Incorporated. CX28331-3X Datasheet HTML 25Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 68 page
background image
CX28331/CX28332/CX28333
1.0 Pin Description
Single/Dual/Triple E3/DS3/STS-1 Line Interface Unit
1.1 Pin Assignments
100985A
Conexant
1-11
Figure 1-4. CX28331-3x Pin Diagram
100985_015
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
DVDDC
ENDECDIS
PD
RLOOP
LLOOP
RNEG/RLCV
RPOS/RNRZ
RCLK
RLOS
NC
NC
NC
TAIS
TCLK
TPOS/TNRZ
TNEG/NC
TLOS
REFCLK
REQH
XOE
LBO
TMONTST
E3MODE
NC
DVSSC
NC
NC
NC
NC
VDD
VDD
NC
NC
VSS
TVSS
TMONP
TLINEP
TLINEM
TMONM
TVDD
RVDD
RLINEP
RLINEM
RVSS
VSS
NC
NC
NC
NC
VDD
CX28331-3x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com